Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9055 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9055
Description  300mA Dual LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9055 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9055 Datasheet HTML 1Page - Richtek Technology Corporation RT9055 Datasheet HTML 2Page - Richtek Technology Corporation RT9055 Datasheet HTML 3Page - Richtek Technology Corporation RT9055 Datasheet HTML 4Page - Richtek Technology Corporation RT9055 Datasheet HTML 5Page - Richtek Technology Corporation RT9055 Datasheet HTML 6Page - Richtek Technology Corporation RT9055 Datasheet HTML 7Page - Richtek Technology Corporation RT9055 Datasheet HTML 8Page - Richtek Technology Corporation RT9055 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9055
5
DS9055-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.7V, No Load
Output Voltage vs. Temperature
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 3.7V, No Load
Dropout Voltage vs. Load Current
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
Load Current (mA)
VOUT = 3.3V
125
°C
25
°C
−40°C
Line Transient Response
Time (100
μs/Div)
VIN
(2V/Div)
VIN = 2.8V to 4.2V, ILOAD = 1mA
VOUT
(20mV/Div)
Line Transient Response
Time (100
μs/Div)
VIN
(2V/Div)
VIN = 2.8V to 4.2V, ILOAD = 100mA
VOUT
(20mV/Div)
Line Transient Response
Time (100
μs/Div)
VIN
(2V/Div)
VIN = 2.8V to 4.2V, ILOAD = 10mA
VOUT
(20mV/Div)


Similar Part No. - RT9055

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
   The RT9055 is a dual channel
More results

Similar Description - RT9055

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com