Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9108N Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9108N
Description  15W Stereo Class-D Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108N Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9108N Datasheet HTML 6Page - Richtek Technology Corporation RT9108N Datasheet HTML 7Page - Richtek Technology Corporation RT9108N Datasheet HTML 8Page - Richtek Technology Corporation RT9108N Datasheet HTML 9Page - Richtek Technology Corporation RT9108N Datasheet HTML 10Page - Richtek Technology Corporation RT9108N Datasheet HTML 11Page - Richtek Technology Corporation RT9108N Datasheet HTML 12Page - Richtek Technology Corporation RT9108N Datasheet HTML 13Page - Richtek Technology Corporation RT9108N Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9108N
10
DS9108N-00
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Power vs. Supply Voltage
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
18
20
22
24
26
Supply Power (V)
ZL = 8
Ω + 66μH, Gain = 20dB, Stereo Out
THD + N = 10%
THD + N = 1%
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
Crosstalk vs. Frequency
Frequency (Hz)
R to L
L to R
PVCC = 24V, RL = 8
Ω, VOUT = 1VRMS, Gain = 20dB
20
50 100 200
500
1k
2k
5k
10k 20k


Similar Part No. - RT9108N

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
RT9108NBGCP RICHTEK-RT9108NBGCP Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
RT9108NL RICHTEK-RT9108NL Datasheet
616Kb / 13P
   9W Stereo Class-D Audio Power Amplifier
More results

Similar Description - RT9108N

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
   15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
   15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
   15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
   15W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com