Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9807 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9807
Description  Micro-Power Voltage Detector with Manual Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9807 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9807 Datasheet HTML 1Page - Richtek Technology Corporation RT9807 Datasheet HTML 2Page - Richtek Technology Corporation RT9807 Datasheet HTML 3Page - Richtek Technology Corporation RT9807 Datasheet HTML 4Page - Richtek Technology Corporation RT9807 Datasheet HTML 5Page - Richtek Technology Corporation RT9807 Datasheet HTML 6Page - Richtek Technology Corporation RT9807 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT9807
3
DS9807-01 April 2011
www.richtek.com
Electrical Characteristics
(TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating VDD Range
VDD
0.9
--
5.5
V
Supply Current
IDD
VTH = 3V, VDD = 4.5V
--
3
5
μA
Reset Threshold
VTH
1.2
--
3.3
V
Threshold Voltage Accuracy
ΔVTH
−1.5
--
1.5
%
Threshold Voltage Hysteresis
VHYS
--
50 x VTH
--
mV
Reset Threshold Tempco
--
100
--
ppm/
°C
VDD Drop to Reset Delay
tRP
Drop = VTH – 250mV
--
100
--
μs
RST Output Voltage Low
(Note 5)
VOL
VDD < VTH(min.), ISINK = 3.5mA
--
--
0.4
V
Logic-High
VIH
0.7VDD
--
--
MR Input
Threshold voltage
Logic-Low
VIL
--
--
0.25VDD
V
MR Glitch Rejection
--
80
--
ns
MR to Reset Propagation Delay tMR
--
2
--
μs
MR Pull-up Resistance
RMR
--
20
--
k
Ω
CCT = 1500pF
3.35
4.375
5.40
Reset Timeout Period
tRP
CCT = 0pF
--
0.275
--
ms
CT Source Current
IRAMP
--
240
--
nA
CT Source Threshold Voltage
VTH-RAMP
--
0.65
--
V
CT Threshold Hysteresis
--
33
--
mV
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a low effective thermal conductivity test board of JEDEC 51-3
thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
The voltage VOL can be calculated by VOL = VDD - Ir x R. Where R is the pull-up resistor and Ir is the current flowing through
the pull-up resistor. For typical application R = 100k
Ω, VOL is less than 0.2V.


Similar Part No. - RT9807

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807 Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
RT9807-12GB RICHTEK-RT9807-12GB Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
RT9807-13GB RICHTEK-RT9807-13GB Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
RT9807-32GB RICHTEK-RT9807-32GB Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
RT9807-33GB RICHTEK-RT9807-33GB Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
More results

Similar Description - RT9807

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
RT9817 RICHTEK-RT9817 Datasheet
114Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816_11 Datasheet
121Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
logo
ELM Technology Corporat...
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay circuit and Manual Reset function
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay circuit and Manual Reset function
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807_15 Datasheet
167Kb / 7P
   Micro-Power Voltage Detector
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
   Micro-Power Voltage Detector
logo
Diodes Incorporated
APX803L DIODES-APX803L Datasheet
554Kb / 22P
   MICRO POWER VOLTAGE DETECTOR
April 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com