Electronic Components Datasheet Search |
|
249-2112-000 Datasheet(PDF) 5 Page - ITT Industries |
|
249-2112-000 Datasheet(HTML) 5 Page - ITT Industries |
5 / 120 page ARINC 600 BKAD/E/F How to Order 5 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change * = For Polarizing Position greater then 99, add third digit. CONNECTOR SERIES CLASS SHELL SIZE CONNECTOR LAYOUT DESCRIPTION SIZE 1 COAX INSERT MODIFIER SHELL STYLE CONNECTOR MOUNTING MODIFIER POLARIZING POSITION MODIFIER (Contact, Finish, Material) D 2 A234 M 3 00 01 * F0 CONNECTOR SERIES SHELL STYLE CONNECTOR MOUNTING MODIFIER CLASS Non-environmental (rear release, crimp contacts) Environmental (rear release, crimp contacts) Non-environmental (front release, solder and wrap post #22 contact, rear release all others) Same as E, except uses BKAD shells and Less 0 rings on plug side. Non-environmental connector using filtered contacts Max. contact capacity - 125 Max. contact capacity - 400 Max. contact capacity - 800 Connector contains modified 71W1 or 2W2 insert (four MTG screw hole locations and coaxial contact used in this insert are interchangeable between different manufacturers Plug (rack side) Receptacle (box side) Standard design, .148 dia. holes With #6-32 ESNA (#12 NCFMA2-62) clinch nuts (see chart) Size 1 receptacle only - less 3 printed circuit board mounting lugs With #4-40 ESNA (#22 NCFMA2-40) clinch nuts (see chart) Size 2 and 3 plug and receptacle only - with #4-40 ESNA (#22 NCFMA2-40) clinch nuts (all mounting holes) Size 2 and 3 plug and receptacle only - with #6-32 ESNA (#12 NCFMA2-62) clinch nuts (all mounting holes) Same as - 00 mounting modification except with nickel finished shells .0008 - .0012 thick with EMI grounding spring for plug shells and supplied with non-environmental inserts. With floating eyelets (.048 min. radial float) 4 corner holes per connector. Consult Customer Service if other modifications are required SHELL SIZE CONNECTOR LAYOUT DESCRIPTION SIZE 1 COAX INSERT MODIFIER NOTE: A dash must be inserted whenever code does not apply. D BKA (Per ARINC 600) E F C T 3 - 4 - 00 - 01 - 02 - 03 - 08 - 09 - 22 - 23 - M 1 2 3 (See page 8) - - - - - - - - - Connector Size 1 2 3 4 4 8 4 6 10 Number of Clinch Nuts Plug Receptacle RoHS version RoHS compatible R - RoHS R BKA |
Similar Part No. - 249-2112-000 |
|
Similar Description - 249-2112-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |