Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD01369 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD01369
Description  RIGHT ANGLE, SOLDER LOW PROFILE MALE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD01369 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD01369 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.109 2.77
1.71
.068
.105±.003 2.67±.08
.280 7.11
3.66
.144
6.99
.275
.135 3.43
STRIP WIRE VIEW
6.35
.250
STRIPPING LENGTH
.095
MAX
2.41
CATALOG No: 01369
NOTES: UNLESS OTHERWISE SPECIFIED
1.FOR GENERAL SERIES SPECIFICATIONS SEE 74-0000
2. MATERIAL SPECIFICATIONS:
BODY: BRASS PER ASTM B16
3. FINISH SPECIFICATIONS:
BODY: .000010 MIN. GOLD PER SAE-AMS2422 OVER
.000080 MIN. NICKEL PER SAE-AMS-QQ-N-290
4. ELECTRICAL SPECIFICATIONS:
CURRENT RATING: 30 AMPS
5. SUGGESTED FOR USE WITH 12 GA WIRE.
6.REFER TO CAP10-01 FRO CABLE ASSEMBLY PROCEDURE.
LOW PROFILE MALE
SD01369
RIGHT ANGLE, SOLDER
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
1
A
SHT
REV
OF
B
DATE
APPROVED
02/16/06
TMC
DATE
APPROVED
02/16/06
ANGLES: ± 2°
SCALE: 4:1
.XXXX ± .XXXX
DRAWING
DRAWN
DATE
CWB
12/13/05
REV
B
DESCRIPTION
CUSTOMER
ER11418
APPD
REVISED PER
DATE
BY
LMD
1
APPROVED
DATE
WPM
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX ± .01 [0.3]
.XXX ± .005 [0.13]
12/14/05
.069 1.75
.218
FLATS
5.54


Similar Part No. - SD01369

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD01361 WINCHESTER-SD01361 Datasheet
71Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
SD01362 WINCHESTER-SD01362 Datasheet
73Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 10 AWG, 30 AMP
More results

Similar Description - SD01369

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
01369 WINCHESTER-01369 Datasheet
27Kb / 1P
   RIGHT ANGLE, SOLDER LOW PROFILE MALE
logo
Pasternack Enterprises,...
PE44526 PASTERNACK-PE44526 Datasheet
285Kb / 3P
   N Male Right Angle Connector Crimp/Solder N Male Right Angle Connector Crimp/Solder
PE4406 PASTERNACK-PE4406 Datasheet
115Kb / 1P
   SMA MALE RIGHT ANGLE SOLDER ATTACHMENT
PE4054 PASTERNACK-PE4054_16 Datasheet
376Kb / 4P
   TNC Male Right Angle Connector Clamp/Solder
PE4227 PASTERNACK-PE4227_17 Datasheet
411Kb / 3P
   MHV Male Right Angle Connector Clamp/Solder
PE4410 PASTERNACK-PE4410_16 Datasheet
318Kb / 3P
   SMA Male Right Angle Connector Solder Attachment
PE4038 PASTERNACK-PE4038_16 Datasheet
373Kb / 3P
   SMA Male Right Angle Connector Solder Attachment
PE4092 PASTERNACK-PE4092_16 Datasheet
386Kb / 3P
   BNC Male Right Angle Connector Solder Attachment
PE4029 PASTERNACK-PE4029 Datasheet
274Kb / 3P
   SMA Male Right Angle Connector Clamp/Solder
PE4102 PASTERNACK-PE4102_16 Datasheet
787Kb / 3P
   BNC Male Right Angle Connector Solder Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com