Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2327 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N2327
Description  SILICON THYRISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2327 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N2327 Datasheet HTML 1Page - Comset Semiconductor 2N2327 Datasheet HTML 2Page - Comset Semiconductor 2N2327 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N2327 thur 2N2329
12/11/2012
COMSET SEMICONDUCTORS
3 | 3
MECHANICAL DATA CASE TO-39
Revised October 2012
         
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E
-
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K
12.70
-
L
42°
48°
Pin 1 :
kathode
Pin 2 :
Gate
Pin 3 :
Anode
Case :
anode


Similar Part No. - 2N2327

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2327 MICROSEMI-2N2327 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N2327 CENTRAL-2N2327 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Digitron Semiconductors
2N2327 DIGITRON-2N2327 Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
2N2327 CENTRAL-2N2327 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Microsemi Corporation
2N2327A MICROSEMI-2N2327A Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N2327

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N2322 COMSET-2N2322 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
New Jersey Semi-Conduct...
BTX18-100 NJSEMI-BTX18-100 Datasheet
119Kb / 3P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT16J SIPOWER-SPJT16J Datasheet
399Kb / 2P
   Silicon Thyristors
logo
List of Unclassifed Man...
BTX18 ETC-BTX18 Datasheet
107Kb / 4P
   SILICON THYRISTORS
logo
SiPower Inc.
SPJT8J SIPOWER-SPJT8J Datasheet
403Kb / 2P
   Silicon Thyristors
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com