Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3700
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3700 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3700 Datasheet HTML 1Page - Comset Semiconductor 2N3700 Datasheet HTML 2Page - Comset Semiconductor 2N3700 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N3700
17/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB=90 V, IE=0V
-
-
10
nA
ICBO
Collector Cutoff Current
VCB=90 V, IE=0V, Tj=150°C
-
-
10
µA
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
-
-
10
nA
VCEO (*)
Collector Emitter
Breakdown Voltage
IC=30 mA, IB=0
80
-
-
V
VCBO
Collector Base
Breakdown Voltage
IC=100 µA, IE=0
140
-
-
V
VEBO
Emitter Base Breakdown
Voltage
IE=100 µA, IC=0
7
-
-
V
hFE (*)
DC Current Gain
IC=0.1 mA, VCE=10 V
50
-
-
-
IC=10 mA, VCE=10 V
90
-
-
IC=150 mA, VCE=10 V
100
-
300
IC=500 mA, VCE=10 V
50
-
-
IC=1A, VCE=10 V
15
-
-
IC=150 mA, VCE=10 V
Tamb = -55°
40
-
-
VCE(SAT) (*)
Collector-Emitter
saturation Voltage
IC=150 mA, IB=15 mA
-
-
0.2
V
IC=500 mA, IB=50 mA
-
-
0.5
VBE(SAT) (*)
Base-Emitter saturation
Voltage
IC=150 mA, IB=15 mA
-
-
1.1
fT
Transition frequency
IC=50 mA, VCE=10 V
f= 20MHz
-
100
-
MHz
hfe
Small signal current gain
IC=1 mA, VCE=5.0 V
f= 1 KHz
80
-
400
-
CCBO
Collector-Base
Capacitance
IE= 0 ,VCB=10 V
f = 1MHz
-
12
-
pF
CEBO
Emitter-Base
Capacitance
IC= 0 ,VEB=0.5 V
f = 1MHz
-
60
-
pF
rbb’,Cb’c
Feedback time constant
IC=10 mA, VCE=10 V
f= 4 MHz
25
-
400
ps
(*) Pulse conditions : tp < 300
µs, δ =1%


Similar Part No. - 2N3700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
541Kb / 2P
   SILICON NPN TRANSISTORS
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3700

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com