Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3773
Description  HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3773 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3773 Datasheet HTML 1Page - Comset Semiconductor 2N3773 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN 2N3773
21/09/2012
COMSET SEMICONDUCTORS
1/2
H
HIIG
GH
H P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
R
The 2N3773 is silicon planar NPN transistor in Jedec TO-3 metal case.
They are intended for linear amplifiers and inductive switching applications.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
140
V
VCBO
Collector-Base Voltage
IE = 0
160
V
VEBO
Emitter-Base Voltage
IC = 0
7
V
VCEX
Collector-Emitter Voltage
VBE = -1.5V
160
V
IC
Collector Current
16
A
ICM
Collector Peak Current
30
A
IB
Base Current
4
A
IBM
Base Peak Current
15
A
Pt
Total Power Dissipation
@ TC = 25°
150
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +200
°C
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC= 200 mA, IB = 0
140
-
-
V
ICEO
Collector Cutoff Current
VCE= 140 V, IB= 0
-
-
2
mA
ICEX
Collector Cutoff Current
VCE= 140 V, VBE= -1.5V
-
-
2
mA
VCE= 140 V, VBE= -1.5V
Tcase = 150°C
-
-
10
IEBO
Emitter Cutoff Current
VEB= 7 V, IC= 0
-
-
5
mA
hFE
DC Current Gain (*)
IC= 8 A, VCE= 4 V
15
-
60
-
IC= 16 A, VCE= 4 V
5
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= 8 A, IB= 800 mA
-
-
1.4
V
IC= 16 A, IB= 3.2 A
-
-
4
VBE
Base-Emitter Voltage (*)
IC= 8 A, VCE= 4 V
-
-
2.2
V
IS/B
Second breakdown collector
current
VCE= 100 V, ts = 1s
1.5
-
-
A
(*) Pulse Duration = 300
µs, Duty Cycle <= 2%


Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
logo
Savantic, Inc.
2N3773 SAVANTIC-2N3773 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Central Semiconductor C...
2N3773 CENTRAL-2N3773 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Dc Components
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD1943 FAIRCHILD-KSD1943 Datasheet
38Kb / 4P
   High Power Transistor
logo
List of Unclassifed Man...
BDY29 ETC-BDY29 Datasheet
204Kb / 4P
   HIGH POWER HIGH CURRENT TRANSISTOR
logo
STMicroelectronics
BUT70W STMICROELECTRONICS-BUT70W Datasheet
48Kb / 4P
   HIGH POWER NPN TRANSISTOR
logo
Guangdong Kexin Industr...
FCX589 KEXIN-FCX589 Datasheet
36Kb / 2P
   Power High Performance Transistor
logo
American Microsemicondu...
BUX98A AMMSEMI-BUX98A Datasheet
939Kb / 3P
   High Power NPN Transistor
logo
STMicroelectronics
BUX98A STMICROELECTRONICS-BUX98A_08 Datasheet
302Kb / 11P
   High power NPN transistor
logo
Guangdong Kexin Industr...
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
   Power High Performance Transistor
logo
List of Unclassifed Man...
TIP29 ETC2-TIP29 Datasheet
335Kb / 6P
   High Power Bipolar Transistor
logo
Fairchild Semiconductor
KSD1944 FAIRCHILD-KSD1944 Datasheet
43Kb / 4P
   High Gain Power Transistor
logo
STMicroelectronics
2N3773 STMICROELECTRONICS-2N3773_08 Datasheet
85Kb / 7P
   High power NPN transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com