Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD6162RLI Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD6162RLI
Description  Two-wavelength Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD6162RLI Datasheet(HTML) 4 Page - Sony Corporation

  SLD6162RLI Datasheet HTML 1Page - Sony Corporation SLD6162RLI Datasheet HTML 2Page - Sony Corporation SLD6162RLI Datasheet HTML 3Page - Sony Corporation SLD6162RLI Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
– 4 –
SLD6162RLI
Sony Corporation
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
M-S011
M-S011
PACKAGE MASS
0.3g
Reference Slot
1 ± 0.07
1
4
3
Reference Plane
φ5.6 –0.03
0
φ4 –0.1
0.6 MIN
φ3.45 ± 0.1
0.5
Window Glass
φ0.6
4 –
φ0.45
PCD φ2
1
3 2
LD Chip & Photo Diode
0.5
2
+0.2
4
0.11
CD
DVD


Similar Part No. - SLD6162RLI

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD6163RL SONY-SLD6163RL Datasheet
38Kb / 1P
   Dual wavelength Laser Diode
More results

Similar Description - SLD6162RLI

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD6163RL SONY-SLD6163RL Datasheet
38Kb / 1P
   Dual wavelength Laser Diode
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
Sipex Corporation
SP8110 SIPEX-SP8110 Datasheet
109Kb / 3P
   Two-Channel Modulation IC for Laser Diode
logo
Roithner LaserTechnik G...
SDL-7501-G1 ROITHNER-SDL-7501-G1 Datasheet
779Kb / 3P
   Low cost, visible wavelength laser diodes
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Rohm
RLD2WMUL3 ROHM-RLD2WMUL3 Datasheet
690Kb / 1P
   2-Wavelength Laser Diodes for DVD/CD Playback
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
   Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
   Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
   LASER DIODE
1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com