Electronic Components Datasheet Search |
|
0336500000 Datasheet(PDF) 4 Page - Weidmuller |
|
0336500000 Datasheet(HTML) 4 Page - Weidmuller |
4 / 20 page 295 Dimensions Terminal width (+fitting tolerance 0.2) Insulating stripping length Connection data Screw connection, solid Screw connection, stranded Conductor cross-section Tightening torque range Torque phase with DMS 2 electric screwdriver Rated data acc. to VDE Rated cross-section Rated voltage Rated current Power loss Connection diagram Ordering data Terminal for TS 32 Y Type Cat. No. for TS 35 W Type Cat. No. Matching contour frame for TS 32 Y Type Cat. No. for TS 35 W Type Cat. No. Accessories Mounting rail (2 m lenghts) End bracket (thickness mm) for TS 35 End plate (thickness mm) Cross-connection 2-pole (preassembled) 3-pole 4-pole 10-pole Terminals WDK 2.5 WDK 2.5 F WDK 2.5 FF 5 mm 5 mm 10 mm 10 mm 0.5…4 mm2 0.5…4 mm2 0.5…2.5 mm2 0.5…2.5 mm2 AWG 26…4 AWG 26…4 0.4 - 0.7 Nm 1 2.5 mm2 380 V~ 26 A 0.5 W WDK 2.5 WDK 2.5 1023200000 1023100000 WZR WDK 2.5 1074000000 Type Cat. No. Qty. TS 35 x 7.5 0383400000 2m slotted 0514500000 2m TS 35 x 15 0498000000 2m EW 35 (8.5) 0383560000 50 WAP 1059100000 100 WQV 2.5 1053660000 50 WQV 2.5 1053760000 50 WQV 2.5 1053860000 50 WQV 2.5 1054460000 50 5 mm 10 mm 0.5…4 mm2 0.5…2.5 mm2 AWG 26…4 0.4 - 0.7 Nm 1 2.5 mm2 380 V~ 12 A (2 x 6 A) 0.5 W WDK 2.5 F 1021600000 WZR WDK 2.5 1074000000 Type Cat. No. Qty. TS 35 x 7.5 0383400000 2m slotted 0514500000 2m TS 35 x 15 0498000000 2m EW 35 (8.5) 0383560000 50 WAP 1059100000 100 WQV 2.5 1053660000 50 WQV 2.5 1053760000 50 WQV 2.5 1053860000 50 WQV 2.5 1054460000 50 5 mm – 1 mm2 380 V~ 12 A (2 x 6 A) 0.5 W WDK 2.5 FF 1021700000 WZR WDK 2.5 1074000000 Type Cat. No. Qty. TS 35 x 7.5 0383400000 2m slotted 0514500000 2m TS 35 x 15 0498000000 2m EW 35 (8.5) 0383560000 50 WAP 1059100000 100 WQV 2.5 1053660000 50 WQV 2.5 1053760000 50 WQV 2.5 1053860000 50 WQV 2.5 1054460000 50 Housings |
Similar Part No. - 0336500000 |
|
Similar Description - 0336500000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |