Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0309400000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0309400000
Description  Modular terminal, accessories, Connecting sleeve
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0309400000 Datasheet(HTML) 1 Page - Weidmuller

  0309400000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Potential distribution
| Verbindungshülsen
- 1 -
General ordering data
Order No.
0266700000
Part designation
VH 8/4.9/3.3 SAK2.5
Version
Modular terminal, accessories, Connecting sleeve
EAN
4008190152031
Qty.
100 pc(s).
Additional technical data
Explosion-tested version "Ex e"
No
Rating data
Rated voltage
0 V
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000489
ETIM 3.0
EC000489
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-45
eClass 5.1
27-14-11-45
Similar products
Order No.
Part designation
Version
0249000000
VH 12/4.9/3.3 SAK6N
Modular terminal, accessories, Connecting sleeve
0248500000
VH 13.5/4.9/3.3 SAK4
Cross-connector / link for modular terminal, Connecting sleeve, No.
of poles: 1
0267000000
VH 17/8/5 SAK35
Modular terminal, accessories, Connecting sleeve
0318000000
VH 19/6/4.2 SAKT1
Cross-connector / link for modular terminal, Connecting sleeve, No.
of poles: 1
0309400000
VH 27/5/3.5 SAK10-35
Cross-connector / link for modular terminal, Connecting sleeve, No.
of poles: 1
0345500000
VH 30.5/11/5.5 SAK70
Modular terminal, accessories, Connecting sleeve
0551100000
VH 35/11/5.5 SAK95
Modular terminal, accessories, Connecting sleeve
1345800000
VH 4.2/4/2.8 DLI2.5
Cross-connector / link for modular terminal, Connecting sleeve, No.
of poles: 1
0296800000
VH 5/4/2.8 AKZ4
Modular terminal, accessories, Connecting sleeve


Similar Part No. - 0309400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0309400000 WEIDMULLER-0309400000 Datasheet
1Mb / 52P
   SAK-series
0309400000 WEIDMULLER-0309400000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Connecting sleeve
0309400000 WEIDMULLER-0309400000 Datasheet
464Kb / 1P
   Screw Clamp Connections Spring Loaded
0309400000 WEIDMULLER-0309400000 Datasheet
49Kb / 1P
   Cross-connector / link for modular terminal, Connecting sleeve, No. of poles: 1
More results

Similar Description - 0309400000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0249000000 WEIDMULLER-0249000000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Connecting sleeve
0267000000 WEIDMULLER-0267000000 Datasheet
45Kb / 1P
   Modular terminal, accessories, Connecting sleeve
0514200000 WEIDMULLER-0514200000 Datasheet
51Kb / 2P
   Modular terminal, accessories, Terminal rail (cable Modular terminal, accessories, Terminal rail (cable
0309400000 WEIDMULLER-0309400000 Datasheet
49Kb / 1P
   Cross-connector / link for modular terminal, Connecting sleeve, No. of poles: 1
0248500000 WEIDMULLER-0248500000 Datasheet
50Kb / 1P
   Cross-connector / link for modular terminal, Connecting sleeve, No. of poles: 1
0244600000 WEIDMULLER-0244600000 Datasheet
48Kb / 1P
   Modular terminal, accessories, Socket
0267200000 WEIDMULLER-0267200000 Datasheet
51Kb / 1P
   Modular terminal, accessories, Socket
0388800000 WEIDMULLER-0388800000 Datasheet
51Kb / 1P
   Modular terminal, accessories, Socket
0271500000 WEIDMULLER-0271500000 Datasheet
51Kb / 1P
   Modular terminal, accessories, Socket
0379400000 WEIDMULLER-0379400000 Datasheet
48Kb / 1P
   Modular terminal, accessories, Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com