Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1023200000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1023200000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1023200000 Datasheet(HTML) 4 Page - Weidmuller

  1023200000 Datasheet HTML 1Page - Weidmuller 1023200000 Datasheet HTML 2Page - Weidmuller 1023200000 Datasheet HTML 3Page - Weidmuller 1023200000 Datasheet HTML 4Page - Weidmuller 1023200000 Datasheet HTML 5Page - Weidmuller 1023200000 Datasheet HTML 6Page - Weidmuller 1023200000 Datasheet HTML 7Page - Weidmuller 1023200000 Datasheet HTML 8Page - Weidmuller 1023200000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
295
Dimensions
Terminal width
(+fitting tolerance 0.2)
Insulating stripping length
Connection data
Screw connection, solid
Screw connection, stranded
Conductor cross-section
Tightening torque range
Torque phase with
DMS 2 electric screwdriver
Rated data acc. to VDE
Rated cross-section
Rated voltage
Rated current
Power loss
Connection diagram
Ordering data
Terminal
for TS 32
Y
Type
Cat. No.
for TS 35
W
Type
Cat. No.
Matching contour frame
for TS 32
Y
Type
Cat. No.
for TS 35
W
Type
Cat. No.
Accessories
Mounting rail (2 m lenghts)
End bracket
(thickness mm)
for TS 35
End plate (thickness mm)
Cross-connection
2-pole
(preassembled)
3-pole
4-pole
10-pole
Terminals
WDK 2.5
WDK 2.5 F
WDK 2.5 FF
5 mm
5 mm
10 mm
10 mm
0.5…4 mm2
0.5…4 mm2
0.5…2.5 mm2
0.5…2.5 mm2
AWG 26…4
AWG 26…4
0.4 - 0.7 Nm
1
2.5 mm2
380 V~
26 A
0.5 W
WDK 2.5
WDK 2.5
1023200000
1023100000
WZR WDK 2.5
1074000000
Type
Cat. No.
Qty.
TS 35 x 7.5 0383400000 2m
slotted
0514500000 2m
TS 35 x 15
0498000000 2m
EW 35 (8.5) 0383560000 50
WAP
1059100000 100
WQV 2.5
1053660000 50
WQV 2.5
1053760000 50
WQV 2.5
1053860000 50
WQV 2.5
1054460000 50
5 mm
10 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 26…4
0.4 - 0.7 Nm
1
2.5 mm2
380 V~
12 A (2 x 6 A)
0.5 W
WDK 2.5 F
1021600000
WZR WDK 2.5
1074000000
Type
Cat. No.
Qty.
TS 35 x 7.5 0383400000 2m
slotted
0514500000 2m
TS 35 x 15
0498000000 2m
EW 35 (8.5) 0383560000 50
WAP
1059100000 100
WQV 2.5
1053660000 50
WQV 2.5
1053760000 50
WQV 2.5
1053860000 50
WQV 2.5
1054460000 50
5 mm
1 mm2
380 V~
12 A (2 x 6 A)
0.5 W
WDK 2.5 FF
1021700000
WZR WDK 2.5
1074000000
Type
Cat. No.
Qty.
TS 35 x 7.5 0383400000 2m
slotted
0514500000 2m
TS 35 x 15
0498000000 2m
EW 35 (8.5) 0383560000 50
WAP
1059100000 100
WQV 2.5
1053660000 50
WQV 2.5
1053760000 50
WQV 2.5
1053860000 50
WQV 2.5
1054460000 50
Housings


Similar Part No. - 1023200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1023200000 WEIDMULLER-1023200000 Datasheet
744Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 1023200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com