Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I5216E Datasheet(PDF) 6 Page - Winbond

Part # I5216E
Description  8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5216E Datasheet(HTML) 6 Page - Winbond

Back Button I5216E Datasheet HTML 2Page - Winbond I5216E Datasheet HTML 3Page - Winbond I5216E Datasheet HTML 4Page - Winbond I5216E Datasheet HTML 5Page - Winbond I5216E Datasheet HTML 6Page - Winbond I5216E Datasheet HTML 7Page - Winbond I5216E Datasheet HTML 8Page - Winbond I5216E Datasheet HTML 9Page - Winbond I5216E Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
I5216 SERIES
Advanced Information
PRELIMINARY
Publication Release Date: November 30, 2001
-6
Revision A1
BLOCK DIAGRAMS
5/22/01
I5216 Block Diagram
AUX IN
AMP
AGC
Low Pass
Filter
SUM1
DAO
VOL
SP+
SP-
SPEAKER
AUX OUT
MIC+
MIC -
AGCCAP
MICROPHONE
AUX IN
MCLK
V
SSA
V
CCA
V
SSA
V
SSD
V
SSD
V
CCD
V
CCD
2 x 64 S/H
Program/Read Control
Array I/O Mux
SUM1
INP
DAO
SUM2
FILTO
SUM2
SUM1
Summing
AMP
SUM2
Summing
AMP
Volume
Control
MIC IN
AUX IN
FILTO
SUM1
AUX IN
FILTO
SUM2
(ANALOG)
ARRAY
INP
SUM1 MUX
CTRL
(DIGITAL)
2 x 64-bit reg.
ARRAY OUT
(ANALOG)
ARRAY OUT
(DIGITAL)
ARRAY
Spkr.
AMP
AUX
OUT
AMP
Power Conditioning
RAC
INT
SDA
SCL
A1
A0
Device Control
Internal
Clock
Multilevel
Storage Array
ΣΣΣΣ
ΣΣΣΣ
2 (
)
VLS0
VLS1
2
(
)
AXG0
AXG1
2
(
)
S1S0
S1S1
2
(
)
S1M0
S1M1
2
(
)
S2M0
S2M1
(
)
OPA0
OPA1
2
(
)
OPS0
OPS1
2
(
)
FLD0
FLD1
2
(INS0)
1
1
(AXPD)
1
(AGPD)
1
(FLPD)
1 (FLS0)
3
( )
VOL0
VOL1
VOL2
PCM / I2S Interface
WS
SCK
SDIO
SDI
µµµµ-Law / A-Law /
Linear 14 bit
CODEC
CODEC
Mux
SUM2
INP
CDI0
( )
2.2V Voltage
reference
MICBS
DAO
A/D
2
Auto mute
Auto gain
1
(AMT0)
(
) 2
ADPD
DAPD
CDI1
MIC+
MIC-
2
OSPD
CKDV
1
(AGPD)
÷2
1
(CKD2)
(
)
1 (VLPD)


Similar Part No. - I5216E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5216EYI NUVOTON-I5216EYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - I5216E

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5216 WINBOND-ISD5216 Datasheet
592Kb / 75P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com