Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24100 Datasheet(PDF) 1 Page - Winbond

Part # W24100
Description  128K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24100 Datasheet(HTML) 1 Page - Winbond

  W24100 Datasheet HTML 1Page - Winbond W24100 Datasheet HTML 2Page - Winbond W24100 Datasheet HTML 3Page - Winbond W24100 Datasheet HTML 4Page - Winbond W24100 Datasheet HTML 5Page - Winbond W24100 Datasheet HTML 6Page - Winbond W24100 Datasheet HTML 7Page - Winbond W24100 Datasheet HTML 8Page - Winbond W24100 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary W24100
128K
× 8 CMOS STATIC RAM
Publication Release Date: October 1999
- 1 -
Revision A1
GENERAL DESCRIPTION
The W24100 is a normal-speed, very low-power CMOS static RAM organized as 131072
× 8 bits that
operates on a single 5-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
FEATURES
Low power consumption:
Active: 385 mW (max.)
Access time: 70 nS
Single 5V power supply
Fully static operation
All inputs and outputs directly TTL compatible
Three-state outputs
Battery back-up operation capability
Data retention voltage: 2V (min.)
Packaged in 32-pin 600 mil DIP, 450 mil SOP,
standard type one TSOP (8 mm
× 20 mm) and
small type one TSOP (8 mm
× 13.4 mm)
PIN CONFIGURATIONS
V
A8
A9
WE
1
2
3
4
5
24
25
26
27
28
NC
A7
A6
A5
A12
A4
A3
A2
A1
6
7
8
9
20
21
22
23
A11
OE
A10
CS1
I/O 8
I/O 7
I/O 6
I/O5
10
11
12
13
16
17
18
19
A0
I/O2
I/O3
I/O1
14
15
I/O4
A13
V
A14
A16
32
31
30
29
A15
CS2
DD
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
OE
A10
CS1
I/O7
I/O6
I/O5
I/O4
32-pin
TSOP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
I/O8
A15
A12
A7
A6
A5
A4
V
CS2
WE
A13
A8
DD
A11
A9
NC
A14
A16
VSS
I/O3
I/O2
I/O1
32-pin
SOP
BLOCK DIAGRAM
CORE CELL ARRAY
1024 ROWS
128 X 8 COLUMNS
DATA
CNTRL.
CLK
GEN.
R
O
W
D
E
C
O
D
E
R
A15
I/O CKT.
COLUMN DECODER
WE
OE
CLK GEN.
PRECHARGE CKT.
A13 A8 A1 A0 A11A10
CS1
CS2
A16
A14
A12
A4
A3
A2
A7
A6
A5
A9
I/O1
I/O8
:
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A16
Address Inputs
I/O1
−I/O8
Data Inputs/Outputs
CS1, CS2
Chip Select Input
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - W24100

ManufacturerPart #DatasheetDescription
logo
Winbond
W241024A WINBOND-W241024A Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-12 WINBOND-W241024AI-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-15 WINBOND-W241024AI-15 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-20 WINBOND-W241024AI-20 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AJ-12 WINBOND-W241024AJ-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24100

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com