Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0497600000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0497600000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0497600000 Datasheet(HTML) 3 Page - Weidmuller

  0497600000 Datasheet HTML 1Page - Weidmuller 0497600000 Datasheet HTML 2Page - Weidmuller 0497600000 Datasheet HTML 3Page - Weidmuller 0497600000 Datasheet HTML 4Page - Weidmuller 0497600000 Datasheet HTML 5Page - Weidmuller 0497600000 Datasheet HTML 6Page - Weidmuller 0497600000 Datasheet HTML 7Page - Weidmuller 0497600000 Datasheet HTML 8Page - Weidmuller 0497600000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Cable glands
46
Labeling of devices and protection systems according ATEX
The following information must be clearly and permanently readable on every device
and protection system:
Example:
Cable glands with metric connection thread
With the taking of effect of European standard EN 50 262 – metric cable glands for electric installation – the Europe-wide introduction of the metric
ISO fine thread in cable glands took place on 01.01.2000.
The EN 60 423 standard lists the individual thread sizes. The previously-known thread sizes PG 7 to PG 48 (10 sizes) were replaced by the metric
sizes M 12 to M 63 (8 sizes). This catalogue contains a large selection of metric cable glands Ex cables and cable entries for use in hazardous areas.
Name of
Type/size
Number of
Symbol of
Symbol of
Conformity to
Risk of
Abbreviation
Device
manufacturer
designation
EU-type-examination
protection
device
european
explosion
of applied
group
or
from
test certificate
from
group and
standards
type of
logo
manufacturer
EU test site
explosion
category
certified
protection
classes
II 2 G
E
EX
e
II
ia
T


Similar Part No. - 0497600000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0497665001 MOLEX6-0497665001 Datasheet
113Kb / 2P
   5.00mm (.197") Diameter Spark Plug Terminal, for Silicone Wire 0.5mm짼;
More results

Similar Description - 0497600000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com