Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX2NA-A106P26MS-34B-01 Datasheet(PDF) 10 Page - ITT Industries

Part # DPX2NA-A106P26MS-34B-01
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NA-A106P26MS-34B-01 Datasheet(HTML) 10 Page - ITT Industries

Back Button DPX2NA-A106P26MS-34B-01 Datasheet HTML 6Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 7Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 8Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 9Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 10Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 11Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 12Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 13Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
ARINC 600
BKAD/E/F
Contact Arrangements - Shell Size 1
10
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
BKAD/BKAE (Plug Rear face shown)
BKAD/BKAE (Plug Rear face shown)
REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE REAR REMOVAL CONTACTS
ENGAGING END SURFACE WHITE ON RED TO INDICATE
FRONT RELEASE FRONT REMOVAL CONTACTS
**Pending ARINC release.
NOTE: In layouts using #22 contacts mixed with any other contact size (20HD, 16, 12), the size #22 contact type (pin or socket) determines the insulator as a pin insert or a socket insert.
(For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE, REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS
(For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
30T2
28 #22
2 #8 TWINAX/COAX
(#8 Grounded to
Shell)
60
60 #22
6**
6 #8
6T6**
6 #8 TRIAX
(Metallic Insert)
13W2
4 #20, 4 #12, 3 #16
2 #5 COAX
24T4**
20 #20, 4 #8 TRIAX
100
100 #22
85
80 #22, 4 #20, 1 #16
59**
50 #22, 5 #16, 4 #12
34**
24 #20 HD, 10 #16
4
4 #12
5W2
1 #12
2 #16
2 #5 COAX
40
40 #22
60
60 #22
5W2
1 #12
2 #16
2 #5 COAX
BKAF - Available Receptacle Shell Only
(Front Release)
Shell Cavity
A or B
Shell Cavity
C or F
Shell Cavity
C
Shell Cavity
C
Shell Cavity
A or B
1
2
3
4
5
6
7
1T
2T
A
B
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
2
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
2
3
4
5
6
7
8
2
3
4
5
2
1
1
7
13
19
25
30
6
12
18
24
29
34
3
4
5
51
52
53
54
55
56
57
58
59
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
CD
B
AC
D
B
1
1
43
21
1
3
B
CD
E
F
G
H
JK
B
CD
E
F
G
H
JK
B
12
34
5
CD
E
F
G
H
JK
B
CD
E
F
G
H
JK
B
A
CDE
F
G
H
JK
5
62
4
7
9
14
15
21
23
24
22
20
8
6
87
5
10
9
11
13
12
2
2
3
3
4
4
5
5
6
6
CD
1
2
3
4
5
4
3
2
1
5
4
3
2
1
C
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CD
B
CD
Contact Arrangements - Shell Sizes 2 and 3


Similar Part No. - DPX2NA-A106P26MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NA-67MPAW8P33A-00 ITT-DPX2NA-67MPAW8P33A-00 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-01 ITT-DPX2NA-67MPAW8P33A-01 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-02 ITT-DPX2NA-67MPAW8P33A-02 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-03 ITT-DPX2NA-67MPAW8P33A-03 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-17 ITT-DPX2NA-67MPAW8P33A-17 Datasheet
492Kb / 16P
   Rack and Panel Connectors
More results

Similar Description - DPX2NA-A106P26MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com