Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24129AJ-12 Datasheet(PDF) 6 Page - Winbond

Part # W24129AJ-12
Description  16K X 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24129AJ-12 Datasheet(HTML) 6 Page - Winbond

  W24129AJ-12 Datasheet HTML 1Page - Winbond W24129AJ-12 Datasheet HTML 2Page - Winbond W24129AJ-12 Datasheet HTML 3Page - Winbond W24129AJ-12 Datasheet HTML 4Page - Winbond W24129AJ-12 Datasheet HTML 5Page - Winbond W24129AJ-12 Datasheet HTML 6Page - Winbond W24129AJ-12 Datasheet HTML 7Page - Winbond W24129AJ-12 Datasheet HTML 8Page - Winbond W24129AJ-12 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
W24129A
- 6 -
Timing Waveforms, continued
Write Cycle 1
(OE Clock)
Address
OE
CS
WE
D OUT
DIN
TWC
T WR
TCW
TWP
TAS
TOHZ
(1,4)
TDW
TDH
TAW
Write Cycle 2
(OE = VIL Fixed)
Address
CS
WE
DOUT
DIN
T WC
TCW
TAS
TDH
TWR
TWP
TWHZ
DW
T
(2)
(3)
TOW
TOH
AW
T
(1,4)
Notes:
1. During this period, I/O pins are in the output state, so input signals of opposite phase to the outputs should not be applied.
2. The data output from DOUT are the same as the data written to DIN during the write cycle.
3. DOUT provides the read data for the next address.
4. Transition is measured
±500 mV from steady state with CL = 5 pF. This parameter is guaranteed but not 100% tested.


Similar Part No. - W24129AJ-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70L WINBOND-W24100-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70LL WINBOND-W24100-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70L WINBOND-W24100Q-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70LL WINBOND-W24100Q-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
More results

Similar Description - W24129AJ-12

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com