Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1707700000 Datasheet(PDF) 9 Page - Weidmuller

Part # 1707700000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1707700000 Datasheet(HTML) 9 Page - Weidmuller

Back Button 1707700000 Datasheet HTML 5Page - Weidmuller 1707700000 Datasheet HTML 6Page - Weidmuller 1707700000 Datasheet HTML 7Page - Weidmuller 1707700000 Datasheet HTML 8Page - Weidmuller 1707700000 Datasheet HTML 9Page - Weidmuller 1707700000 Datasheet HTML 10Page - Weidmuller 1707700000 Datasheet HTML 11Page - Weidmuller 1707700000 Datasheet HTML 12Page - Weidmuller 1707700000 Datasheet HTML 13Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
300
Housings
SEG-U/LPU
EG 6
32 V nach VDE 0110/1.89
2
III
1 A/δU 50 0C
12 mΩ
100 x 120 x 1.8 mm
IP 00
V - 2
100 °C
Type
Cat. No.
EG 6 (incl. front plate)
8095840000
307
50 V
2
III
1 A
1.5 W
IP 20
V -2
100 °C
0.5...4 mm2
0.5...2.5 mm2
0.5 Nm
1
Type
Cat. No.
Qty.
Housing SEG/U
8007870000
Cover plate
8066100000
307
Rated data
Reference voltage acc. to VDE 0110 1/89
Pollution severity
Overvoltage category
Current
Current-carrying capacity of bus contacts
Volume resistance of bus contacts
Printed circuit board dimensions
Power loss (when mounted in row)
Protection class
Flammability acc. to UL level
Upper temperature limit
Connection data
Screw connection solid
Screw connection stranded
Tightening torque range
Torque phase with electric screwdriver DMS 2
Ordering data
Housing frame
End plate
Combi foot, latchable
Assembly plate
Clamping yoke unit, right
Clamping yoke unit, left
Intermediate plate
Connection spigot
Connection tab 0.8 x 6.3 mm
Connection tab 2 x 0.8 x 2.8 mm
Tab / solder lug 0.8 x 2.8 mm
Tab / solder lug 0.8 x 4.8 mm
Printed circuit board, copper-coated
Printed circuit board 2.54 pitch
Dimensions
See page
Housings


Similar Part No. - 1707700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1707700000 WEIDMULLER-1707700000 Datasheet
744Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 1707700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com