Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD684A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD684A
Description  SILICON DARLINGTON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD684A Datasheet(HTML) 2 Page - Comset Semiconductor

  BD684A Datasheet HTML 1Page - Comset Semiconductor BD684A Datasheet HTML 2Page - Comset Semiconductor BD684A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD684 – BD684A
23/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off current
IE=0, VCB= -120 V
-
-
-0,2
mA
IE=0, VCB= -120V, Tj= 150°C
-
-
-2
ICEO
Collector cut-off current
IB=0,VCE= -1/2VCEOMAX
-
-
-0,5
mA
IEBO
Emitter cut-offcurrent
IC=0, VEB=-5 V
-
-
-5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-1.5 A
IB=-30 mA
BD683
-
-
-2,5
V
IC=-2 A, IB=-40 mA
BD683A
-
-
-2,8
hFE
DC Current Gain (*)
VCE=-3 V, IC=-1.5 A
BD683
750
-
-
-
VCE=-3 V, IC=-2 A
BD683A
VBE
Base-Emitter Voltage (*)
VCE=-3 V, IC=-1.5 A
BD683
-
-
-2,5
V
VCE=-3 V, IC=-2 A
BD683A
hfe
Small signal current gain
VCE=-3 V, IC=-1.5 A, f= 1 MHz
10
-
-
-
fhfe
Ut-off frequency
VCE=-3 V, IC=-1.5 A
-
60
-
kHz
VF
Diode forward voltage
IF=-1,5 A
-
-1,5
-
V
I(SB)
Second-breakdown
collector current
VCE=-50 V, tP= 20ms, non rep.
without heatsink
-0,8
-
-
A
ton
Turn-on time
Icon= -1.5A, Ibon= -Iboff= -6mA
VCC=-30V
-
0,8
2
µs
toff
Turn-off time
-
4,5
8
(*) Measured under pulse conditions :tP <300µs, δ <2%.


Similar Part No. - BD684A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
Comset Semiconductor
BD684 COMSET-BD684 Datasheet
198Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
BD684 COMSET-BD684 Datasheet
78Kb / 2P
   SILICON DARLINGTON POWER TRANSISTORS
logo
Continental Device Indi...
BD684 CDIL-BD684 Datasheet
123Kb / 4P
   PNP DARLIGNTON POWER SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BD684 NJSEMI-BD684 Datasheet
85Kb / 2P
   SILICON DARLINGTON POWER TRANSISTORS
More results

Similar Description - BD684A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
   Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com