Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT64 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BDT64
Description  SILICON DARLINGTON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT64 Datasheet(HTML) 4 Page - Comset Semiconductor

  BDT64 Datasheet HTML 1Page - Comset Semiconductor BDT64 Datasheet HTML 2Page - Comset Semiconductor BDT64 Datasheet HTML 3Page - Comset Semiconductor BDT64 Datasheet HTML 4Page - Comset Semiconductor BDT64 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BDT64-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
4 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min
Typ
Max
Unit
VBE(on)
Base-Emitter Voltage
(*)
IC= -5 A, VCE= -4 V
BDT64
-
-
-2.5
V
BDT64A
BDT64B
BDT64C
VECF
C-E Diode Forward
Voltage
IF= -5 A
BDT64
-
-2
V
BDT64A
BDT64B
BDT64C
IF= -12 A
BDT64
-
-2
-
BDT64A
BDT64B
BDT64C
hFE
DC Current Gain (*)
VCE= -4 V, IC= -1 A
BDT64
-
1500
-
-
BDT64A
BDT64B
BDT64C
VCE= -4 V, IC= -5 A
BDT64
1000
-
-
BDT64A
BDT64B
BDT64C
VCE= -4 V, IC= -12 A
BDT64
-
750
-
BDT64A
BDT64B
BDT64C
COB
Output Capacitance
IE= 0, VCB = -10 V
ftest= 1MHz
BDT64
-
200
-
pF
BDT64A
BDT64B
BDT64C
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
turn-on time
IC= -5 A , VCC= -30 V
IB1 = -IB2 = -20 mA
-
0.5
2
µs
toff
turn-off time
-
2.5
5
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BDT64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Inchange Semiconductor ...
BDT64 ISC-BDT64 Datasheet
122Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDT64 NJSEMI-BDT64 Datasheet
137Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
List of Unclassifed Man...
BDT64 ETC2-BDT64 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
BDT64A PHILIPS-BDT64A Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
More results

Similar Description - BDT64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
   Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com