Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24256S-70LL Datasheet(PDF) 8 Page - Winbond

Part # W24256S-70LL
Description  32K X 8 CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24256S-70LL Datasheet(HTML) 8 Page - Winbond

Back Button W24256S-70LL Datasheet HTML 2Page - Winbond W24256S-70LL Datasheet HTML 3Page - Winbond W24256S-70LL Datasheet HTML 4Page - Winbond W24256S-70LL Datasheet HTML 5Page - Winbond W24256S-70LL Datasheet HTML 6Page - Winbond W24256S-70LL Datasheet HTML 7Page - Winbond W24256S-70LL Datasheet HTML 8Page - Winbond W24256S-70LL Datasheet HTML 9Page - Winbond W24256S-70LL Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary W24256
- 8 -
PACKAGE DIMENSIONS
28-pin P-DIP
Seating Plane
1. Dimensions D Max. & S include mold flash or
tie bar burrs.
2. Dimension E1 does not include interlead flash.
3. Dimensions D & E1 include mold mismatch and
are determined at the mold parting line.
6. General appearance spec. should be based on
final visual inspection spec.
.
1.63
1.47
0.064
0.058
Notes:
Symbol
Min. Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.060
1.52
0.210
5.33
0.010
0.150
0.016
0.155
0.018
0.160
0.022
3.81
0.41
0.25
3.94
0.46
4.06
0.56
0.008
0.120
0.670
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.540
0.550
0.545
13.72
13.97
13.84
17.02
15.24
14.99
15.49
0.600
0.590
0.610
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
a
1.460
1.470
37.08
37.34
0
15
0.090
2.29
0.650
0.630
16.00
16.51
4. Dimension B1 does not include dambar
protrusion/intrusion.
5. Controlling dimension: Inches.
15
0
eA
2
A
a
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
28
1
15
14
28-pin SOP Wide Body
2
1
A
28
15
14
1
e
S
E
H
b
Seating Plane
A A
y
L
L
e
c
See Detail F
D
E
E
1
1
e
Detail F
1. Dimensions D Max. & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
3. Dimensions D & E include mold mismatch
and determined at the mold parting line.
.
0.25
0.20
0.010
0.008
Notes:
Symbol
Min. Nom. Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
0.014
0.36
0.112
2.85
0.004
0.093
0.014
0.098
0.016
0.103
0.020
2.36
0.36
0.10
2.49
0.41
2.62
0.51
0.059
0.004
0
10
0.713
0.067
0.733
0.075
1.50
18.11
1.70
18.62
1.91
0.477
0.465
0.453
12.12
11.81
11.51
0
10
0.10
8.53
8.41
8.28
0.336
0.331
0.326
0.71
0.91
1.12
0.028
0.036
0.044
4. Controlling dimension: Inches.
5. General appearance spec should be based
on final visual inspection spec.
1.12
1.27
1.42
0.044
0.050
0.056
1.19
0.047
A
b
c
D
e
HE
L
y
A
A
L E
1
2
E
S
θ
θ


Similar Part No. - W24256S-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24257 WINBOND-W24257 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257A-10 WINBOND-W24257A-10 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257A-12 WINBOND-W24257A-12 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24256S-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
   32K x 8 CMOS STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com