Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24512AS-25 Datasheet(PDF) 4 Page - Winbond

Part # W24512AS-25
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS-25 Datasheet(HTML) 4 Page - Winbond

  W24512AS-25 Datasheet HTML 1Page - Winbond W24512AS-25 Datasheet HTML 2Page - Winbond W24512AS-25 Datasheet HTML 3Page - Winbond W24512AS-25 Datasheet HTML 4Page - Winbond W24512AS-25 Datasheet HTML 5Page - Winbond W24512AS-25 Datasheet HTML 6Page - Winbond W24512AS-25 Datasheet HTML 7Page - Winbond W24512AS-25 Datasheet HTML 8Page - Winbond W24512AS-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W24512A
- 4 -
AC Characteristics,continued
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
Read Cycle
PARAMETER
SYM.
W24512A-25
UNIT
MIN.
MAX.
Read Cycle Time
TRC
25
-
nS
Address Access Time
TAA
-
25
nS
Chip Select Access Time
CS1
TACS1
-
25
nS
CS2
TACS2
-
25
nS
Output Enable to Output Valid
TAOE
-
12
nS
Chip Selection to Output in Low Z
CS1
TCLZ1*
3
-
nS
CS2
TCLZ2*
3
-
nS
Output Enable to Output in Low Z
TOLZ*
0
-
nS
Chip Deselection to Output in High Z
CS1
TCHZ1*
-
12
nS
CS2
TCHZ2*
-
12
nS
Output Disable to Output in High Z
TOHZ*
-
12
nS
Output Hold from Address Change
TOH
3
-
nS
* These parameters are sampled but not 100% tested.
Write Cycle
PARAMETER
SYM.
W24512A-25
UNIT
MIN.
MAX.
Write Cycle Time
TWC
25
-
nS
Chip Selection to End of Write
CS1
TCW1
18
-
nS
CS2
TCW2
18
-
nS
Address Valid to End of Write
TAW
18
-
nS
Address Setup Time
TAS
0
-
nS
Write Pulse Width
TWP
15
-
nS
Write Recovery Time
CS1, WE
TWR1
0
-
nS
CS2
TWR2
0
-
nS
Data Valid to End of Write
TDW
12
-
nS
Data Hold from End of Write
TDH
0
-
nS
Write to Output in High Z
TWHZ*
-
12
nS
Output Disable to Output in High Z
TOHZ*
-
12
nS
Output Active from End of Write
TOW
0
-
nS
* These parameters are sampled but not 100% tested.


Similar Part No. - W24512AS-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512AS-25 WINBOND-W24512AS-25 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24512AS-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com