Electronic Components Datasheet Search |
|
1737400000 Datasheet(PDF) 8 Page - Weidmuller |
|
1737400000 Datasheet(HTML) 8 Page - Weidmuller |
8 / 22 page Cable glands 51 Cable glands brass IP54 with gripping jaw Cable glands brass for Ex-areas With cantered strain relief For use in hazardous areas. These cable glands are tested for higher safety specifications with certified conformity to approvals LCIE 97ATEX6005X. Variant for EMC applications are available. Technical data Material: Nickel plated brass Sealing: Universal sealing ring neoprene Temperature: -30°C ... +90°C Protection class: IP54 (with thread sealing ring type GWDR ...-PO = IP65) Technical data Material: Nickel plated brass Sealing: Neoprene Temperature: -20°C ... +100°C Protection class: IP66 (with thread sealing ring Type GWDR ...-NP = IP68/20 bar) ATEX certification available Ordering data Type Thread Clamp range L L1 SW1/SW2 Qty. Cat. No. Metric gland brass IP 54, hexagonal VG M12-MS54ZE M 12 x 1.5 5.0 - 7.0 21.50 6 14 100 1778420000 VG M12-MS54ZE M 12 x 1.5 4.0 - 9.5 22 6 17 100 1778430000 VG M16-MS54ZE M 16 x 1.5 4.0 - 9.5 26 6 18 100 1778440000 VG M20-MS54ZE M 20 x 1.5 6.0 - 11.5 26.50 6.50 22 50 1778450000 VG M20-MS54ZE M 20 x 1.5 6.0 - 13.5 26.50 6.50 22 50 1778460000 VG M25-MS54ZE M 25 x 1.5 6.0 - 15.5 27.50 7 30 50 1778470000 VG M25-MS54ZE M 25 x 1.5 9.0 - 21.5 29.50 7 30 50 1778480000 VG M32-MS54ZE M 32 x 1.5 17.0 - 29.5 33 8 39 25 1778490000 VGM40-MS54ZE M 40 x 1.5 17.0 - 29.5 33 8 43 25 1778500000 VG M50-MS54ZE M 50 x 1.5 23.0 - 36.5 39 9 55 10 1778510000 VG M50-MS54ZE M 50 x 1.5 29.0 - 42.5 43 9 57 5 1778520000 VG M63-MS54ZE M 63 x 1.5 35.0 - 46.5 45 10 68 5 1778530000 PG gland brass IP 54, hexagonal VG 7-MS54-ZE PG 7 5.0 - 7.0 27 5 14/16 50 1718800000 VG 9-MS54-ZE PG 9 4.0 - 11.0 30.5 6 17/19 50 1718810000 VG 11-MS54-ZE PG 11 6.0 - 13.0 31.5 6 20/22 50 1718820000 VG 13.5-MS54-ZE PG 13.5 6.0 - 13.0 32 6.5 22/24 50 1718830000 VG 16-MS54-ZE PG 16 6.0 - 16.0 33 6.5 24/27 25 1718840000 VG 21-MS54-ZE PG 21 9.0 - 20.0 38 7 30/34 20 1718850000 VG 29-MS54-ZE PG 29 17.0 - 28.0 43 8 40/42 20 1718860000 VG 36-MS54-ZE PG 36 23.0 - 34.0 49.5 9 50/52 10 1718870000 VG 42-MS54-ZE PG 42 29.0 - 40.0 53.5 10 57/62 10 1718880000 VG 48-MS54-ZE PG 48 35.0 - 46.0 55 10 64/68 5 1718890000 all sizes in mm Ordering data Type Thread Clamp range L L1 SW Qty. Cat. No. Metric gland brass-KV for Eex-e VG M 16-Exe MS M 16 x 1.5 7.0 - 11.0 28 8 22 50 1737210000 VG M 20-Exe MS M 20 x 1.5 8.5 - 13.0 28 8 24 50 1737220000 VG M 25-Exe MS M 25 x 1.5 13.5 - 18.0 33 9 30 25 1737230000 VG M 32-Exe MS M 32 x 1.5 17.5 - 25.0 38 10 41 20 1737240000 VG M 40-Exe MS M 40 x 1.5 24.5 - 33.5 49 11 52 10 1737250000 VG M 50-Exe MS M 50 x 1.5 33.0 - 43.0 54 12 63 5 1737260000 VG M 63-Exe MS M 63 x 1.5 43.5 - 55.0 60 13 77 5 1737270000 PG gland brass-KV for Eex-e VG 7-Exe MS PG 7 4.0 - 8.0 24 7 18 50 1718990000 VG 9-Exe MS PG 9 6.0 - 11.0 28 8 22 50 1719000000 VG 11-Exe MS PG 11 7.5 - 13.0 28 8 24 50 1719010000 VG 13.5-Exe MS PG 13.5 7.5 - 13.0 32 8 24 50 1719020000 VG 16-Exe MS PG 16 12.5 - 18.0 33 9 30 25 1719030000 VG 21-Exe MS PG 21 17.5 - 23.5 38 10 41 20 1719040000 VG 29-Exe MS PG 29 24.5 - 31.5 49 11 52 20 1719050000 VG 36-Exe MS PG 36 33.0 - 40.5 54 12 63 10 1719060000 VG 42-Exe MS PG 42 33.0 - 43.0 54 12 63 10 1719070000 VG 48-Exe MS PG 48 42.5 - 52.5 60 13 77 5 1719080000 NPT brass KV for Eex-e VG NPT 1/2" Eex-e MS NPT 1/2" 8.5 - 13.0 36 16 24 50 1778160000 VG NPT 3/4" Eex-e MS NPT 3/4" 13.5 - 18.0 40 16 30 25 1778150000 VG NPT 1" Eex-e MS NPT 1" 17.5 - 25.0 48 20 41 1 1778140000 VG NPT 1 1/4" Eex-e MS NPT 1 1/4" 24.5 - 33.5 58 20 52 1 1778130000 VG NPT 1 1/2" Eex-e MS NPT 1 1/2" 24.5 - 33.5 58 20 52 1 1778120000 VG NPT 2" Eex-e MS NPT 2" 33.0 - 43.0 62 20 63 1 1778110000 VG NPT 2 1/2" Eex-e MS NPT 2 1/2" 43.5 - 55.0 75 28 77 1 1778090000 all sizes in mm L L1 L L1 T |
Similar Part No. - 1737400000 |
|
Similar Description - 1737400000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |