Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0269.050V Datasheet(PDF) 2 Page - Littelfuse

Part # 0269.050V
Description  262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0269.050V Datasheet(HTML) 2 Page - Littelfuse

  0269.050V Datasheet HTML 1Page - Littelfuse 0269.050V Datasheet HTML 2Page - Littelfuse 0269.050V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revised: January 7, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
128
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
262/268/269 Series
Please refer to www.littelfuse.com/series/262.html,
/268.html or /269.html for current information.
MICRO™ > Very Fast-Acting > 262/268/269 Series
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
Please contact Littelfuse for average time current curve.


Similar Part No. - 0269.050V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02690 ETC2-02690 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
Weidmuller
0269120000 WEIDMULLER-0269120000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
0269120000 WEIDMULLER-0269120000 Datasheet
521Kb / 1P
   Disconnect Terminals
0269120000 WEIDMULLER-0269120000 Datasheet
63Kb / 3P
   Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
0269320000 WEIDMULLER-0269320000 Datasheet
63Kb / 3P
   Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
More results

Similar Description - 0269.050V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
   MICRO > Very Fast-Acting > 262/268/269 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0272.002V LITTELFUSE-0272.002V Datasheet
161Kb / 3P
   272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com