Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24258Q-70LE Datasheet(PDF) 8 Page - Winbond

Part # W24258Q-70LE
Description  32K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24258Q-70LE Datasheet(HTML) 8 Page - Winbond

Back Button W24258Q-70LE Datasheet HTML 3Page - Winbond W24258Q-70LE Datasheet HTML 4Page - Winbond W24258Q-70LE Datasheet HTML 5Page - Winbond W24258Q-70LE Datasheet HTML 6Page - Winbond W24258Q-70LE Datasheet HTML 7Page - Winbond W24258Q-70LE Datasheet HTML 8Page - Winbond W24258Q-70LE Datasheet HTML 9Page - Winbond W24258Q-70LE Datasheet HTML 10Page - Winbond W24258Q-70LE Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W24258
- 8 -
BONDING PAD DIAGRAM
1
2
3
4
5
8
11
12
13
15
16
17
18
22
23
24
25
26
27
21
X
Y
A1
4
A1
2
A7
A6
A5
A
3
A2
A0
I/O1 I/O2 I/O3 VSS VSS
I/O3 I/O6 I/O7
19
A10
OE
A11
A9
A8
WE
VDD
VDD
6
7
9
A1
10
A4
20
CS
A13
28
S-2
28
S-1
14
S-1
14
S-2
I/O8
I/O4
PAD NO.
X
Y
1
-276.73
2047.90
2
-421.97
2047.90
3
-568.93
2047.90
4
-714.17
2047.90
5
-861.13
2047.90
6
-1006.37
2047.90
7
-1190.70
1796.55
8
-1190.70
-1797.65
9
-1023.69
-2049.00
10
-878.45
-2049.00
11
-730.05
-2049.00
12
-584.79
-2049.00
13
-438.69
-2049.00
14S-1
-293.69
-2049.00
14S-2
-152.23
-2049.00
15
-9.22
-2049.00
16
437.42
-2049.00
17
582.68
-2049.00
18
730.42
-2049.00
19
875.68
-2049.00
20
1025.65
-2049.00
21
1189.20
-1797.65
22
1188.70
1796.55
23
1025.68
2047.90
24
878.72
2047.90
25
733.48
2047.90
26
586.52
2047.90
27
441.28
2047.90
28S-1
18.40
2047.90
28S-2
-131.73
2047.90
Note: For bare chip form (C.O.B.) applications, the substrate must be connected to VDD or left floating in the PCB layout.


Similar Part No. - W24258Q-70LE

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258Q-70LL WINBOND-W24258Q-70LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
More results

Similar Description - W24258Q-70LE

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
logo
Winbond
W24256 WINBOND-W24256 Datasheet
147Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
   32K x 8 CMOS STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com