Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24512AJ-25 Datasheet(PDF) 9 Page - Winbond

Part # W24512AJ-25
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AJ-25 Datasheet(HTML) 9 Page - Winbond

Back Button W24512AJ-25 Datasheet HTML 2Page - Winbond W24512AJ-25 Datasheet HTML 3Page - Winbond W24512AJ-25 Datasheet HTML 4Page - Winbond W24512AJ-25 Datasheet HTML 5Page - Winbond W24512AJ-25 Datasheet HTML 6Page - Winbond W24512AJ-25 Datasheet HTML 7Page - Winbond W24512AJ-25 Datasheet HTML 8Page - Winbond W24512AJ-25 Datasheet HTML 9Page - Winbond W24512AJ-25 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
W24512A
Publication Release Date: April 1997
- 9 -
Revision A3
Package Dimensions, continued
32-pin Standard Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
M
0.10(0.004)
θ
Min.
Nom.
Max.
Min.
Nom.
Max.
Symbol
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
Controlling dimension: Millimeter
Dimension in Inches
0.047
0.006
0.041
0.039
0.037
0.007
0.008
0.009
0.005
0.006
0.007
0.720
0.724
0.728
0.311
0.315
0.319
0.780
0.787
0.795
0.020
0.016
0.020
0.024
0.031
0.000
0.004
1
3
5
0.002
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.12
18.30
7.90
19.80
0.40
0.00
1
0.20
0.23
0.15
0.17
18.40
18.50
8.00
8.10
20.00
20.20
0.50
0.50
0.60
0.80
0.10
3
5
Dimension in mm
θ
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__


Similar Part No. - W24512AJ-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512AJ-25 WINBOND-W24512AJ-25 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24512AJ-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com