Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0262004.V Datasheet(PDF) 1 Page - Littelfuse

Part # 0262004.V
Description  262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0262004.V Datasheet(HTML) 1 Page - Littelfuse

  0262004.V Datasheet HTML 1Page - Littelfuse 0262004.V Datasheet HTML 2Page - Littelfuse 0262004.V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: January 7, 2009
127
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
262/268/269 Series
Please refer to www.littelfuse.com/series/262.html,
/268.html or /269.html for current information.
MICRO™ > Very Fast-Acting > 262/268/269 Series
Description
The 262/268/269 Series are high–reliability micro
fuses, with a 125V rating, very fast-acting type with
high breaking capacity. This series is listed under the
Department of Defense Quality Product List.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
2mA - 5A
LR 29862
2mA - 5A
QPL
FM07A
2mA - 5A
Features
Electrical Characteristics
Applications
QPL
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
1/500–15
4 Hours, Min.
200%
1/500–3/10
5 Seconds, Max.
4/10-5
2 Seconds, Max.
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Agency Approvals
QPL
.002
.002
125
10,000 amperes at
125 VAC/VDC
2000
XXX
.005
.005
125
280
XXX
.010
.010
125
94.0
XXX
.015
.015
125
44.0
XXX
.031
.031
125
16.45
XXX
.050
.050
125
3.20
XXX
.062
.062
125
2.25
XXX
.100
.100
125
1.17
XXX
.125
.125
125
1.0
XXX
.200
.200
125
2.30
XXX
.250
.250
125
1.75
XXX
.300
.300
125
1.25
XXX
.400
.400
125
0.227
XXX
.500
.500
125
0.167
XXX
.600
.600
125
0.140
XXX
.700
.700
125
0.114
XXX
.750
.750
125
0.104
XXX
.800
.800
125
0.094
XXX
1.00
001.
125
0.100
XXX
01.5
01.5
125
0.063
XXX
2.00
002.
125
0.046
XXX
3.00
003.
125
0.034
XXX
4.00
004.
125
0.019
XXX
5.00
005.
125
0.018
XXX
Electrical Characteristics
Please contact Littelfuse for Average Time Current Curve.
262/268/269 Series, MICRO™ Very Fast-Acting Fuse (High-Reliability)
ampere of 2mA to 5A
radial leaded
Protection of electrical, electronic, and communication
equipment having printed circuit boards (PCBs) usable
in direct current (DC) and alternating current (AC) (up
to 400 hertz (Hz)) circuits capable of withstanding and
functioning in extreme conditions found in Spacecraft or
Military applications as described in MIL-PRF-23419.


Similar Part No. - 0262004.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
   MICRO > Very Fast-Acting > 262/268/269 Series
More results

Similar Description - 0262004.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
   MICRO > Very Fast-Acting > 262/268/269 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0272.002V LITTELFUSE-0272.002V Datasheet
161Kb / 3P
   272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com