Electronic Components Datasheet Search |
|
1736810000 Datasheet(PDF) 6 Page - Weidmuller |
|
1736810000 Datasheet(HTML) 6 Page - Weidmuller |
6 / 22 page Cable glands 49 Cable glands brass IP54 Ordering data Type Thread Clamp range L L1 SW1/SW2 Qty. Cat. No. Metric gland brass IP 54, hexagonal VGM12-MS54 M 12 x 1.5 5.0 - 7.0 21.50 6 14/13 100 1778410000 VGM12-MS54 M 12 x 1.5 6.0 - 8.0 22 6 17/15 100 1778400000 VGM16-MS54 M 16 x 1.5 8.0 - 10.0 26 6 20/18 100 1778390000 VGM20-MS54 M 20 x 1.5 8.0 - 10.0 26.50 6.50 22/18 50 1778380000 VGM20-MS54 M 20 x 1.5 10.0 - 12.0 26.50 6.50 22/20 50 1778370000 VGM25-MS54 M 25 x 1.5 12.0 - 14.0 27.50 7 27/22 50 1778360000 VGM25-MS54 M 25 x 1.5 15.0 - 17.0 29.50 7 30/28 50 1778350000 VGM32-MS54 M 32 x 1.5 24.0 - 26.0 33 8 40/38 25 1778340000 VGM40-MS54 M 40 x 1.5 28.0 - 30.0 33 8 43/37 25 1778330000 VGM50-MS54 M 50 x 1.5 31.0 - 33.0 39 9 55/47 10 1778320000 VGM50-MS54 M 50 x 1.5 39.0 - 41.0 43 9 57/54 5 1778310000 VGM63-MS54 M 63 x 1.5 45.0 - 47.0 45 10 68/60 5 1778300000 PG gland brass IP 54, hexagonal VG 7-MS54 PG 7 5.0 - 7.0 20.5 5 14/13 50 0521500000 VG 9-MS54 PG 9 6.0 - 8.0 22 6 17/15 50 0261500000 VG 11-MS54 PG 11 8.0 - 10.0 26 6 20/18 50 0260700000 VG 13.5-MS54 PG 13.5 10.0 - 12.0 26 6.5 22/20 50 0260800000 VG 16-MS54 PG 16 12.0 - 14.0 27 6.5 24/22 25 0261400000 VG 21-MS54 PG 21 15.0 - 17.0 29.5 7 30/28 20 0260900000 VG 29-MS54 PG 29 24.0 - 26.0 33 8 40/37 20 0261000000 VG 36-MS54 PG 36 33.0 - 35.0 39 9 50/47 10 0497600000 VG 42-MS54 PG 42 41.0 - 43.0 44 10 57/54 10 0497700000 VG 48-MS54 PG 48 45.0 - 47.0 45 10 64/60 5 1718780000 all sizes in mm Ordering data Type Thread Clamp range L L1 SW Qty. Cat. No. Metric gland brass VG M 12 - MS 68 M 12 x 1.5 3.0 - 6.5 24 5 14 50 1772200000 VG M 16 - MS 68 M 16 x 1.5 5.5 - 10.0 28 5.5 17 50 1772210000 VG M 20 - MS 68 M 20 x 1.5 8.0 - 13.0 32 6 22 50 1772220000 VG M 25 - MS 68 M 25 x 1.5 11.0 - 18.0 35 7 30 20 1772230000 VG M 32 - MS 68 M 32 x 1.5 15.0 - 21.0 39 8 34 20 1772240000 VG M 40 - MS 68 M 40 x 1.5 19.0 - 27.0 53 8 44 10 1772250000 VG M 50 - MS 68 M 50 x 1.5 26.0 - 35.0 55 9 55 10 1772260000 VG M 63 - MS 68 M 63 x 1.5 34.0 - 45.0 58 10 66 5 1772270000 PG gland brass IP 68 VG 7-MS68 PG 7 3.0 - 6.5 23 5 14 50 1569060000 VG 9-MS68 PG 9 4.0 - 10.0 27 6 17 50 1569070000 VG 11-MS68 PG 11 5.0 - 10.0 28.5 6 20 50 1569080000 VG 13.5-MS68 PG 13.5 6.0 - 12.0 29.5 6.5 22 50 1569090000 VG 16-MS68 PG 16 10.0 - 14.0 29.5 6.5 24 25 1569100000 VG 21-MS68 PG 21 13.0 - 18.0 33.5 7 30 20 1569110000 VG 29-MS68 PG 29 18.0 - 25.0 37.5 8 40 20 1569120000 VG 36-MS68 PG 36 22.0 - 32.0 45 9 50 10 1569130000 VG 42-MS68 PG 42 30.0 - 38.0 47.5 10 57 10 1569140000 VG 48-MS68 PG 48 34.0 - 44.0 50.5 10 64 5 1718790000 NPT gland brass VG NPT 3/8" - MS 68NPT 3/8" 4.0 - 8.0 36 15 17 50 1772370000 VG NPT 1/2" - MS 68NPT 1/2" 6.0 - 12.0 36 13 22 50 1772380000 VG NPT 3/4" - MS 68NPT 3/4" 13.0 - 18.0 39 13 30 20 1772390000 all sizes in mm Cable glands brass IP68 Technical data Material: Nickel plated brass Sealing: Soft rubber Temperature: -20°C ... +60°C Protection class: IP54 (with thread sealing ring Type GWDR ...-PO = IP65) Technical data Material: Nickel plated brass Sealing: Neoprene Temperature: -40°C ... +70°C (peak +100°C) Protection class: IP 68 / 5 bar with GWDR in the clamping area Brass cable gland with hexagon threaded glands Brass cable gland IP68 with strain relief. Reduced clamping range on request. Multiple seal insert on request. L L1 L L1 |
Similar Part No. - 1736810000 |
|
Similar Description - 1736810000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |