Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAAV Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TAAV
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TAAV Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TAAV Datasheet HTML 1Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 2Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 3Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 4Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 5Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 6Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 7Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 8Page - Touchstone Semiconductor Inc TAAV Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TSA7887
Page 4
TSA7887DS r1p0
RTFDS
ELECTRICAL SPECIFICATIONS (continued)
VDD = +2.7V to +5.25V; VREF = 2.5V External/internal reference unless otherwise noted; fSCLK = 2 MHz;
TA = TMIN to TMAX, unless otherwise noted.
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+2.7/+5.25
+2.7/+5.25
V (min/max)
IDD
Normal Mode
4 (PM Mode 2)
Static
700
700
μA (max)
Operational (fSAMPLE = 125 kSPS)
850
850
μA (typ)
Internal reference enabled
700
700
μA (typ)
Internal reference disabled
Using Standby Mode (PM Mode 4)
450
450
μA (typ)
fSAMPLE = 50 ksps
Using Shutdown Mode
(PM Modes 1 and 3)
120
120
μA (typ)
fSAMPLE = 10 ksps
12
12
μA (typ)
fSAMPLE = 1 ksps
Standby Mode
5
210
210
μA (max)
VDD = 2.7V to 5.25V
Shutdown Mode
5
1
1
μA (max)
VDD = 2.7V to 3.6V
2
2
μA (max)
VDD = 4.75V to 5.25V
Normal Mode Power Dissipation
3.5
3.5
mW (max)
VDD = 5 V
2.1
2.1
mW (max)
VDD = 3 V
Shutdown Power Dissipation
5
5
μW (max)
VDD = 5 V
3
3
μW (max)
VDD = 3 V
Standby Power Dissipation
1.05
1.05
mW (max)
VDD = 5 V
630
630
μW (max)
VDD = 3 V
Note 1: The TSA7887
’s temperature range is –40°C to +125°C for both A and B versions.
Note 2: SNR calculation includes distortion and noise components.
Note 3: Sample tested at TA = 25
°C to ensure compliance.
Note 4: All digital inputs at GND except for
CS at V
DD. All digital outputs are unloaded. Analog inputs are connected to GND.
Note 5: SCLK is at GND when SCLK is off. All digital inputs are at GND except for
CS at VDD. All digital outputs are unloaded. Analog inputs
are connected to GND.


Similar Part No. - TAAV

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0515 TRUMPOWER-TAA-1S0515 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0524 TRUMPOWER-TAA-1S0524 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results

Similar Description - TAAV

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com