Electronic Components Datasheet Search |
|
4183130000 Datasheet(PDF) 9 Page - Weidmuller |
|
4183130000 Datasheet(HTML) 9 Page - Weidmuller |
9 / 20 page 300 Housings SEG-U/LPU EG 6 32 V nach VDE 0110/1.89 2 III 1 A/δU 50 0C 12 mΩ 100 x 120 x 1.8 mm IP 00 V - 2 100 °C Type Cat. No. EG 6 (incl. front plate) 8095840000 307 50 V 2 III 1 A 1.5 W IP 20 V -2 100 °C 0.5...4 mm2 0.5...2.5 mm2 0.5 Nm 1 Type Cat. No. Qty. Housing SEG/U 8007870000 – Cover plate 8066100000 – 307 Rated data Reference voltage acc. to VDE 0110 1/89 Pollution severity Overvoltage category Current Current-carrying capacity of bus contacts Volume resistance of bus contacts Printed circuit board dimensions Power loss (when mounted in row) Protection class Flammability acc. to UL level Upper temperature limit Connection data Screw connection solid Screw connection stranded Tightening torque range Torque phase with electric screwdriver DMS 2 Ordering data Housing frame End plate Combi foot, latchable Assembly plate Clamping yoke unit, right Clamping yoke unit, left Intermediate plate Connection spigot Connection tab 0.8 x 6.3 mm Connection tab 2 x 0.8 x 2.8 mm Tab / solder lug 0.8 x 2.8 mm Tab / solder lug 0.8 x 4.8 mm Printed circuit board, copper-coated Printed circuit board 2.54 pitch Dimensions See page Housings |
Similar Part No. - 4183130000 |
|
Similar Description - 4183130000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |