Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0269004.V Datasheet(PDF) 3 Page - Littelfuse

Part # 0269004.V
Description  262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0269004.V Datasheet(HTML) 3 Page - Littelfuse

  0269004.V Datasheet HTML 1Page - Littelfuse 0269004.V Datasheet HTML 2Page - Littelfuse 0269004.V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: January 7, 2009
129
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
262/268/269 Series
Please refer to www.littelfuse.com/series/262.html,
/268.html or /269.html for current information.
MICRO™ > Very Fast-Acting > 262/268/269 Series
Product Characteristics
Materials
Gold-Plated Copper Leads, Type II
(Fuse cap is also Gold-Plated)
Weight
262 and 269 Series .36 Grams;
268 Series .48 Grams
Lead Pull Force
MIL-STD-202, Method 211, Test
Condition A (will withstand a 5 lb.
axial pull test)
AQL (Electrical
Characteristics)
Certified to 1% AQL
Sampling
Per MIL-STD-105, Inspection Level II
Traceability and
Identification Records
Controlled by lot number and
retained on file for a minimum
of three years. Copies of Lot
Certification Test data available when
requested with order
Options
Special screening tests, burn-in, etc.
can be supplied on special order to
meet specific requirements
Product Marking
262 / 268 Series: Brand logo, current
and voltage ratings
269 Series: Brand logo, current and
voltage ratings and agency approval
mark
Operating Temperature
–55ºC to +125ºC
Shock
(1/500): MIL-STD-202, Method 213,
Test Condition A (50 G’s peak for
11 milliseconds). (1/200–5): MIL-
STD-202, Method 213, Test Condition
I (100 G’s peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10–55
Hz); MIL-STD-202, Method 204, Test
Condition C (55–2000 Hz at 10 G’s
Peak)
Salt Spray
MIL-STD-202, Method 101, Test
Condition B
Seal Test
MIL-STD-202, Method 112, Test
Condition A
Insulation Resistance
(After Opening)
MIL-STD-202, Method 302, Test
Condition A (1/2 Megohm minimum)
Thermal Shock
MIL-STD-202, Method 107, Test
Condition B (–65ºC to 125ºC)
Moisture Resistance
MIL-STD-202, Method 106
Fuses to MIL SPEC
262 Series is available in FM07A on
QPL for MIL-PRF-23419/7. To order,
change 262 to 269
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Bulk
N / A
5
V
7.37
(.29")
4.32
(.17")
2.54 (.10")
5.97
(.235")
7.37
(.29")
25.4
(1.0")
2.54
(.10")
262 000 Series
268 000 Series
0262 xxxx V
Packaging Code
Amp. Code
Series
Refer to Amp Code column of
Electrical Characteristics Table
V = 5


Similar Part No. - 0269004.V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02690 ETC2-02690 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0269004.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
   MICRO > Very Fast-Acting > 262/268/269 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0272.002V LITTELFUSE-0272.002V Datasheet
161Kb / 3P
   272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com