Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0266001.V Datasheet(PDF) 3 Page - Littelfuse

Part # 0266001.V
Description  265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0266001.V Datasheet(HTML) 3 Page - Littelfuse

  0266001.V Datasheet HTML 1Page - Littelfuse 0266001.V Datasheet HTML 2Page - Littelfuse 0266001.V Datasheet HTML 3Page - Littelfuse 0266001.V Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
225
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
265/266/267 Series
Please refer to www.littelfuse.com/series/265.html /
266.html/or /267.html for current information.
PICO® > Very Fast Acting > 265/266/267 Series
Materials
Body: White Thermoplastic
Gold-Plated Copper Leads, Type II
Weight
.32 Grams
Solderability
MIL-STD-202, Method 208
Lead Pull Force
MIL-STD-202, Method 211, Test
Condition A (will withstand a 5 lbs. axial
pull test)
AQL (Electrical Characteristics): Certified
to 1% AQL
Sampling
Per MIL-STD-105, Inspection Level II.
Traceability and Identification Records:
Controlled by lot number and retained on
file for a minimum of three years. Copies
of Lot Certification Test data available
when requested with order
Options
Special screening tests, burn-in, etc. can
be supplied on special order to meet
specific requirements. For information on
higher current ratings, contact Littelfuse.
267 series fuses are offered with
optional solder coated leads. To order,
enter XT as the end suffix (see Part
Numbering System section)
Product Characteristics
Operating Temperature
–55ºC to +125ºC
Shock
MIL-STD-202, Method 213, Test
Condition I (100 G’s peak for 6
milliseconds).
Vibration
MIL-STD-202, Method 201 (10–55
Hz); MIL-STD-202, Method 204, Test
Condition C (55–2000 Hz at 10 G’s
Peak)
Salt Spray
MIL-STD-202, Method 101, Test
Condition B
Seal Test
MIL-STD-202, Method 112, Test
Condition A
Insulation Resistance
(After Opening)
MIL-STD-202, Method 302, Test
Condition A (1/2 Megohm minimum)
Thermal Shock
MIL-STD-202, Method 107, Test
Condition B (–65°C to 125°C).
Moisture Resistance
MIL-STD-202, Method 106
Fuses To MIL SPEC
265 Series (except 1/16 ampere
rating) is available in FM08A on
QPL for MIL-PRF-23419/8. To order,
change 265 to 267
3/4 A
3/4 A
Transparent
Insulating Sleeve
Transparent
Insulating Sleeve
(1.50")
(1.50")
7.11
(.28")
7.11 (.28")
2.36 (.093")
DIA.
2.36 (.093")
DIA.
90
8.38 (.33) (Note 1)
37.33
(1.47")
(Note 1: 9.14 (.36") for 15 amp rating)
265 000 Series
266 000 Series
38.1
38.1
Dimensions
Packaging
Packaging Option
Quantity
Quantity &
Packaging Code
Bulk Pack
5
V
Part Numbering System
0267 xxxx V XT
Quantity & Packaging Code
Lead Option Code
Amp Code
Series
Refer to Amp Code column of
Electrical Characteristics Table
V
= (All series) 5 quantity bulk pack
Blank = (All series) standard lead
XT = (267 series only) solder coated lead option


Similar Part No. - 0266001.V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02660 ETC2-02660 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
Molex Electronics Ltd.
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
026603020 MOLEX-026603020 Datasheet
848Kb / 9P
   KK 156 HEADER ASSEMBLY FLAT RIGHT ANGLE SOLID BODY W/O PEGS
11-25-03
More results

Similar Description - 0266001.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0251.062HAT1L LITTELFUSE-0251.062HAT1L Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0263.062WRT2 LITTELFUSE-0263.062WRT2 Datasheet
185Kb / 3P
   263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
   262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com