Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L011A-12 Datasheet(PDF) 8 Page - Winbond

Part # W24L011A-12
Description  128K X 8 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L011A-12 Datasheet(HTML) 8 Page - Winbond

Back Button W24L011A-12 Datasheet HTML 2Page - Winbond W24L011A-12 Datasheet HTML 3Page - Winbond W24L011A-12 Datasheet HTML 4Page - Winbond W24L011A-12 Datasheet HTML 5Page - Winbond W24L011A-12 Datasheet HTML 6Page - Winbond W24L011A-12 Datasheet HTML 7Page - Winbond W24L011A-12 Datasheet HTML 8Page - Winbond W24L011A-12 Datasheet HTML 9Page - Winbond W24L011A-12 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
W24L011A
- 8 -
PACKAGE DIMENSIONS
32-pin SOJ (300 mil)
D
H
B
b
e
e
1
16
17
32
E
Y
A
A
A
Seating Plane
c
L
S
θ
Symbol
Dimension in mm
Dimension in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
A
A
B
b
c
D
E
e
e
H
L
S
Y
0.140
0.020
0.095
0.100
0.105
0.032
0.028
0.026
0.022
0.018
0.016
0.014
0.010
0.008
0.835
0.825
0.305
0.300
0.295
0.056
0.050
0.044
0.287
0.267
0.247
0.345
0.335
0.325
0.080
0.045
0.004
0
10
0.815
3.556
0.508
2.413
2.540
2.667
0.813
0.711
0.660
0.559
0.457
0.406
0.356
0.254
0.203
21.209
20.955
7.747
7.620
7.493
1.422
1.270
1.118
7.290
6.782
6.274
8.763
8.509
8.255
2.032
1.143
0.102
10°
20.701
θ
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
1
2
1
e
e
1
2
1
32-pin SOJ (400 mil)
1. Dimension D Max & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
4. Controlling dimension: Inches
5. General appearance spec. should be based
on final visual inspection spec.
0.28
0.15
0.011
0.006
Notes:
Symbol
Min. Nom. Max.
Max.
Nom.
Min.
Dimension in inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
S
1
1
2
E
0.145
3.68
0.025
0.105
0.016
0.110
0.115
0.020
2.67
0.41
0.635
2.79
2.91
0.51
0.082
0.004
-5
6
0.825
0.830
2.08
20.96 21.08
0.37
9.40
0.10
10.29
10.16
10.03
0.405
0.400
0.395
11.05
11.18
11.31
0.435 0.440
0.445
3. Dimension D & E include mold mismatch
and are determined at the mold parting line.
e
b 1
0.044 0.050
0.056
1.12
1.27
1.42
0.045
1.14
D
Seating Plane
s
b
b 1
1
32
e
1
A
y
A 2
A
L
1
e
16
17
E
E
H
c
3.51
3.33
0.138
0.131
0.026 0.028
0.032
0.66
0.71
0.81
0.820
20.83
0.018
0.46
0.008
0.20
0.360
0.380
9.15
9.65
-5
6
2
2
θ
θ


Similar Part No. - W24L011A-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L011A-12

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com