Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24512AK-35 Datasheet(PDF) 1 Page - Winbond

Part # W24512AK-35
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AK-35 Datasheet(HTML) 1 Page - Winbond

  W24512AK-35 Datasheet HTML 1Page - Winbond W24512AK-35 Datasheet HTML 2Page - Winbond W24512AK-35 Datasheet HTML 3Page - Winbond W24512AK-35 Datasheet HTML 4Page - Winbond W24512AK-35 Datasheet HTML 5Page - Winbond W24512AK-35 Datasheet HTML 6Page - Winbond W24512AK-35 Datasheet HTML 7Page - Winbond W24512AK-35 Datasheet HTML 8Page - Winbond W24512AK-35 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
W24512A
64K
× 8 HIGH SPEED CMOS STATIC RAM
Publication Release Date: March 1999
- 1 -
Revision A7
GENERAL DESCRIPTION
The W24512A is a high speed, low power CMOS static RAM organized as 65536
× 8 bits that
operates on a single 5-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
FEATURES
High speed access time: 15/20/25/35 nS (max.)
Low power consumption:
− Active: 500 mW (typ.)
Single +5V power supply
Fully static operation
All inputs and outputs directly TTL compatible
Three-state outputs
Available packages: 32-pin 300 mil SOJ,
skinny DIP, 450 mil SOP, and standard type
one TSOP
PIN CONFIGURATIONS
V
A8
A9
WE
1
2
3
4
5
24
25
26
27
28
NC
A7
A6
A5
A12
A4
A3
A2
A1
6
7
8
9
20
21
22
23
A11
OE
A1 0
CS1
I/O8
I/O7
I/O6
I/O5
10
11
12
13
16
17
18
19
A0
I/O2
I/O3
I/O1
14
15
I/O4
A13
V
A14
NC
32
31
30
29
A15
CS2
DD
SS
1
2
3
4
5
6
7
8
9
VDD
32-pin
TSOP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VSS
A13
A11
A9
A8
WE
CS2
A15
NC
NC
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
A0
A1
A2
A3
10
11
12
13
14
15
16
BLOCK DIAGRAM
A0
.
CS1
A15
WE
I/O1
I/O8
OE
C O RE
V
V
.
.
DATA I/O
ARRAY
DECODER
CORE
CS2
.
CONTROL
DD
SS
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A15
Address Inputs
I/O1
−I/O8
Data Inputs/Outputs
CS1, CS2
Chip Select Inputs
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - W24512AK-35

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AJ-25 WINBOND-W24512AJ-25 Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AS WINBOND-W24512AS Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AS-25 WINBOND-W24512AS-25 Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512AT-25 WINBOND-W24512AT-25 Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24512AK-35

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com