Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L11Q-70LL Datasheet(PDF) 8 Page - Winbond

Part # W24L11Q-70LL
Description  128K X 8 High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L11Q-70LL Datasheet(HTML) 8 Page - Winbond

Back Button W24L11Q-70LL Datasheet HTML 3Page - Winbond W24L11Q-70LL Datasheet HTML 4Page - Winbond W24L11Q-70LL Datasheet HTML 5Page - Winbond W24L11Q-70LL Datasheet HTML 6Page - Winbond W24L11Q-70LL Datasheet HTML 7Page - Winbond W24L11Q-70LL Datasheet HTML 8Page - Winbond W24L11Q-70LL Datasheet HTML 9Page - Winbond W24L11Q-70LL Datasheet HTML 10Page - Winbond W24L11Q-70LL Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary W24L11
- 8 -
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
OPERATING
VOLTAGE
(V)
OPERATING
TEMPERATURE
(
°C)
STANDBY
CURRENT
MAX.(
µA)
PACKAGE
W24L11-70LL
70
3.0V to 3.6V
0 to 70
50
600 mil DIP
W24L11S-70LL
70
3.0V to 3.6V
0 to 70
50
450 mil SOP
W24L11T-70LL
70
3.0V to 3.6V
0 to 70
50
Standard type one
TSOP
W24L11Q-70LL
70
3.0V to 3.6V
0 to 70
50
Small type one TSOP
W24L11-70L
70
3.0V to 3.6V
0 to 70
100
600 mil DIP
W24L11S-70L
70
3.0V to 3.6V
0 to 70
100
450 mil SOP
W24L11T-70L
70
3.0V to 3.6V
0 to 70
100
Standard type one
TSOP
W24L11Q-70L
70
3.0V to 3.6V
0 to 70
100
Small type one TSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications
where personal injury might occur as a consequence of product failure.


Similar Part No. - W24L11Q-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L11Q-70LL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com