Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24257AS-20 Datasheet(PDF) 10 Page - Winbond

Part # W24257AS-20
Description  32K X 8 High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24257AS-20 Datasheet(HTML) 10 Page - Winbond

Back Button W24257AS-20 Datasheet HTML 3Page - Winbond W24257AS-20 Datasheet HTML 4Page - Winbond W24257AS-20 Datasheet HTML 5Page - Winbond W24257AS-20 Datasheet HTML 6Page - Winbond W24257AS-20 Datasheet HTML 7Page - Winbond W24257AS-20 Datasheet HTML 8Page - Winbond W24257AS-20 Datasheet HTML 9Page - Winbond W24257AS-20 Datasheet HTML 10Page - Winbond W24257AS-20 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
W24257A
- 10 -
Package Dimensions, continued
28-pin SO Wide Body
2
1
A
28
15
14
1
e
S
E
H
b
Seating Plane
A A
y
L
L
e
c
See Detail F
D
E
E
1
1
e
Detail F
1. Dimensions D Max. & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
3. Dimensions D & E include mold mismatch
and are determined at the mold parting line.
.
0.25
0.20
0.010
0.008
Notes:
Symbol
Min. Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
LE
1
2
E
0.014
0.36
0.112
2.85
0.004
0.093
0.014
0.098
0.016
0.103
0.020
2.36
0.36
0.10
2.49
0.41
2.62
0.51
0.059
0.004
0
10
0.713
0.067
0.733
0.075
1.50
18.11
1.70
18.62
1.91
0.477
0.465
0.453
12.12
11.81
11.51
10
0
0.10
8.53
8.41
8.28
0.336
0.331
0.326
0.71
0.91
1.12
0.028
0.036
0.044
4. Controlling dimension: Inches.
5. General appearance spec should be based
on final visual inspection spec.
1.12
1.27
1.42
0.044
0.050
0.056
S
1.19
0.047
θ
θ
28-pin Standard Type One TSOP
Note: Controlling dimension: Millimeters
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
Min.
Dimension in Inches
Nom. Max. Min. Nom. Max.
Symbol
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.10
11.70
7.90
13.20
0.50
0.00
0
0.20
0.27
0.15
0.21
11.80
11.90
8.00
8.10
13.40
13.60
0.55
0.60
0.70
0.25
0.10
3
5
0.047
0.006
0.041
0.040
0.035
0.007
0.008
0.011
0.004
0.006
0.008
0.461
0.465
0.469
0.311
0.315
0.319
0.520
0.528
0.536
0.022
0.020
0.024
0.028
0.010
0.000
0.004
0
3
5
0.002
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
θ
Dimension in mm
θ


Similar Part No. - W24257AS-20

ManufacturerPart #DatasheetDescription
logo
Winbond
W24257A-35 WINBOND-W24257A-35 Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24257AS-20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com