Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25P240A-6 Datasheet(PDF) 2 Page - Winbond

Part # W25P240A-6
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P240A-6 Datasheet(HTML) 2 Page - Winbond

  W25P240A-6 Datasheet HTML 1Page - Winbond W25P240A-6 Datasheet HTML 2Page - Winbond W25P240A-6 Datasheet HTML 3Page - Winbond W25P240A-6 Datasheet HTML 4Page - Winbond W25P240A-6 Datasheet HTML 5Page - Winbond W25P240A-6 Datasheet HTML 6Page - Winbond W25P240A-6 Datasheet HTML 7Page - Winbond W25P240A-6 Datasheet HTML 8Page - Winbond W25P240A-6 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W25P240A
- 2 -
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30 3
1
3
2
3
3
3
4
3
5
3
6
3
7
3
8
3
9
4
0
4
1
4
2
4
3
4
4
4
5
4
6
4
7
4
8
4
9
5
0
80
79
78
77
76
75
74
73
72
71
70
69
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
8
1
8
2
8
3
8
4
8
5
8
6
8
7
8
8
8
9
9
0
9
1
9
2
9
3
9
4
9
5
9
6
9
7
9
8
9
9
1
0
0
C
L
K
/
G
W
/
O
E
/
A
D
S
C
/
A
D
S
P
/
A
D
V
100-pin
QFP MO-108
I/O 35
I/O 36
I/O 39
I/O 40
I/O 41
I/O 42
I/O 45
I/O 46
I/O 49
I/O 50
I/O 53
I/O 54
I/O 55
I/O 56
I/O 59
I/O 60
I/O 62
I/O 37
I/O 38
I/O 43
I/O 44
I/O 47
I/O 48
I/O 51
I/O 52
I/O 57
I/O 58
I/O 61
I/O 28
I/O 27
I/O 24
I/O 23
I/O 22
I/O 21
I/O 18
I/O 17
I/O 14
I/O 13
I/O 10
I/O 09
I/O 08
I/O 07
I/O 04
I/O 03
I/O 29
I/O 26
I/O 25
I/O 20
I/O 19
I/O 16
I/O 15
I/O 12
I/O 11
I/O 06
I/O 05
/
B
W
4
/
B
W
3
/
B
W
2
/
B
W
1
I
/
O
3
2
I
/
O
3
1
I
/
O
6
3
I
/
O
6
4
A
7
A
6
A
5
I
/
O
1
I
/
O
2
I/O 30
V
I
/
O
3
4
/
B
W
8
I
/
O
3
3
/
B
W
7
/
B
W
6
/
B
W
5
/
B
W
E
/
C
E
A
4
A
3
A
2
A
1
A
0
A
8
A
9
A
1
0
A
1
1
A
1
2
A
1
3
A
1
4
A
1
5
DD
VSS
VDD
VSS


Similar Part No. - W25P240A-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-4A WINBOND-W25P243A-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-5 WINBOND-W25P243A-5 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-6 WINBOND-W25P243A-6 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243AD-4A WINBOND-W25P243AD-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P240A-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com