Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25P243A-4A Datasheet(PDF) 5 Page - Winbond

Part # W25P243A-4A
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P243A-4A Datasheet(HTML) 5 Page - Winbond

  W25P243A-4A Datasheet HTML 1Page - Winbond W25P243A-4A Datasheet HTML 2Page - Winbond W25P243A-4A Datasheet HTML 3Page - Winbond W25P243A-4A Datasheet HTML 4Page - Winbond W25P243A-4A Datasheet HTML 5Page - Winbond W25P243A-4A Datasheet HTML 6Page - Winbond W25P243A-4A Datasheet HTML 7Page - Winbond W25P243A-4A Datasheet HTML 8Page - Winbond W25P243A-4A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
W25P243A
Publication Release Date: August 1999
- 5 -
Revision A3
Truth Table, continued
CYCLE
ADDRESS
USED
CE1
CE2
CE3
ADSP
ADSC
ADV
OE
DATA
WRITE*
Begin Write
Current
X
X
X
1
1
1
X
Hi-Z
Write
Begin Write
Current
1
X
X
X
1
1
X
Hi-Z
Write
Begin Write
External
0
1
0
1
0
X
X
Hi-Z
Write
Continue Write
Next
X
X
X
1
1
0
X
Hi-Z
Write
Continue Write
Next
1
X
X
X
1
0
X
Hi-Z
Write
Suspend Write
Current
X
X
X
1
1
1
X
Hi-Z
Write
Suspend Write
Current
1
X
X
X
1
1
X
Hi-Z
Write
Notes:
1. For a detailed definition of read/write, see the Write Table below.
2. An "X" means don't care, "1" means logic high, and "0" means logic low.
3. The OE pin enables the data output and is not sampled with the clock. All signals of the SRAM are sampled synchronously
with the bus clock except for the OE pin.
4. On a write cycle that follows a read cycle, OE must be inactive prior to the start of write cycle to allow write data to setup to
the SRAM. OE must also disable the output buffer prior to the finish of a write cycle to ensure the SRAM data hold timings
are met.
WRITE TABLE
READ/WRITE FUNCTION
GW
BWE
BW8
BW7
BW6
BW5
BW4
BW3
BW2
BW1
Read
1
1
X
X
X
X
X
X
X
X
Read
1
0
1
1
1
1
1
1
1
1
Write byte 1 I/O1
−I/O8
1
0
1
1
1
1
1
1
1
0
Write byte 2 I/O9
−I/O16
1
0
1
1
1
1
1
1
0
1
Write byte 2, byte 1
1
0
1
1
1
1
1
1
0
0
Write byte 3 I/O17
−I/O24
1
0
1
1
1
1
1
0
1
1
Write byte 3, byte 1
1
0
1
1
1
1
1
0
1
0
Write byte 3, byte 2
1
0
1
1
1
1
1
0
0
1
Write byte 3, byte 2, byte 1
1
0
1
1
1
1
1
0
0
0
Write byte 4, I/O25
−I/O32
1
0
1
1
1
1
0
1
1
1
Write byte 4, byte 1
1
0
1
1
1
1
0
1
1
0
Write byte 4, byte 2
1
0
1
1
1
1
0
1
0
1
Write byte 4, byte 2, byte 1
1
0
1
1
1
1
0
1
0
0
Write byte 4, byte 3
1
0
1
1
1
1
0
0
1
1
Write byte 4, byte 3, byte 1
1
0
1
1
1
1
0
0
1
0
Write byte 4, byte 3, byte 2
1
0
1
1
1
1
0
0
0
1
Write byte 4, byte 3, byte 2, byte 1
1
0
1
1
1
1
0
0
0
0
Write byte 5, I/O33
−I/O40
1
0
1
1
1
0
1
1
1
1
Write byte 5, byte 1
1
0
1
1
1
0
1
1
1
0


Similar Part No. - W25P243A-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6 WINBOND-W25P240A-6 Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6A WINBOND-W25P240A-6A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P243A-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com