Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25P243A-4A Datasheet(PDF) 3 Page - Winbond

Part # W25P243A-4A
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P243A-4A Datasheet(HTML) 3 Page - Winbond

  W25P243A-4A Datasheet HTML 1Page - Winbond W25P243A-4A Datasheet HTML 2Page - Winbond W25P243A-4A Datasheet HTML 3Page - Winbond W25P243A-4A Datasheet HTML 4Page - Winbond W25P243A-4A Datasheet HTML 5Page - Winbond W25P243A-4A Datasheet HTML 6Page - Winbond W25P243A-4A Datasheet HTML 7Page - Winbond W25P243A-4A Datasheet HTML 8Page - Winbond W25P243A-4A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
W25P243A
Publication Release Date: August 1999
- 3 -
Revision A3
PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTION
A0
−A15
Input, Synchronous
Host address
I/O1
−I/O64
I/O, Synchronous
Data Inputs/Outputs
CLK
Input, Clock
Processor host bus clock
CE1, CE2, CE3
Input, Synchronous
Chip enables
GW
Input, Synchronous
Global write
BWE
Input, Synchronous
Byte write enable from cache controller
BW1
−BW8
Input, Synchronous
Host bus byte enables used with BWE
OE
Input, Asynchronous
Output enable input
ADV
Input, Synchronous
Internal burst address counter advance
ADSC
Input, Synchronous
Address status from Chip Set
ADSP
Input, Synchronous
Address status from CPU
ZZ
Input, Asynchronous
Snooze pin for low-power state, internal pull low
LBO
Input, Static
Lower address burst order
Connected to VSS: Device is in linear mode.
Connected to VDD or unconnected: Device is in non-
linear mode.
VDDQ
I/O power supply
VSSQ
I/O ground
VDD
Power supply
VSS
Ground
RSV
Reserved pin, don't use these pins
NC
No connection


Similar Part No. - W25P243A-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6 WINBOND-W25P240A-6 Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6A WINBOND-W25P240A-6A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P243A-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com