Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L257AJ-12 Datasheet(PDF) 9 Page - Winbond

Part # W24L257AJ-12
Description  32K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L257AJ-12 Datasheet(HTML) 9 Page - Winbond

  W24L257AJ-12 Datasheet HTML 1Page - Winbond W24L257AJ-12 Datasheet HTML 2Page - Winbond W24L257AJ-12 Datasheet HTML 3Page - Winbond W24L257AJ-12 Datasheet HTML 4Page - Winbond W24L257AJ-12 Datasheet HTML 5Page - Winbond W24L257AJ-12 Datasheet HTML 6Page - Winbond W24L257AJ-12 Datasheet HTML 7Page - Winbond W24L257AJ-12 Datasheet HTML 8Page - Winbond W24L257AJ-12 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
W24L257A
Publication Release Date: December 1996
- 9 -
Revision A5
Package Dimensions, continued
28-pin Standard Type One TSOP
Controlling dimension: Millimeters
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
Min.
Dimension In Inches
Nom.
Max.
Min.
Nom.
Max.
Symbol
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.10
11.70
7.90
13.20
0.50
0.00
0
0.20
0.27
0.15
0.21
11.80
11.90
8.00
8.10
13.40
13.60
0.55
0.60
0.70
0.25
0.10
3
5
0.047
0.006
0.041
0.040
0.035
0.007
0.008
0.011
0.004
0.006
0.008
0.461
0.465
0.469
0.311
0.315
0.319
0.520
0.528
0.536
0.022
0.020
0.024
0.028
0.010
0.000
0.004
0
3
5
0.002
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
HD
θ
Dimension In mm
θ
1
Headquarters
No. 4, Creation Rd. III,
Science-Based Industrial Park,
Hsinchu, Taiwan
TEL: 886-3-5770066
FAX: 886-3-5792647
http://www.winbond.com.tw/
Voice & Fax-on-demand: 886-2-7197006
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd.,
Taipei, Taiwan
TEL: 886-2-7190505
FAX: 886-2-7197502
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II,
123 Hoi Bun Rd., Kwun Tong,
Kowloon, Hong Kong
TEL: 852-27513100
FAX: 852-27552064
Winbond Electronics North America Corp.
Winbond Memory Lab.
Winbond Microelectronics Corp.
Winbond Systems Lab.
2730 Orchard Parkway, San Jose,
CA 95134, U.S.A.
TEL: 1-408-9436666
FAX: 1-408-9436668
Note: All data and specifications are subject to change without notice.


Similar Part No. - W24L257AJ-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L257AJ-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com