Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26L010A-10 Datasheet(PDF) 5 Page - Winbond

Part # W26L010A-10
Description  64K X 16 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26L010A-10 Datasheet(HTML) 5 Page - Winbond

  W26L010A-10 Datasheet HTML 1Page - Winbond W26L010A-10 Datasheet HTML 2Page - Winbond W26L010A-10 Datasheet HTML 3Page - Winbond W26L010A-10 Datasheet HTML 4Page - Winbond W26L010A-10 Datasheet HTML 5Page - Winbond W26L010A-10 Datasheet HTML 6Page - Winbond W26L010A-10 Datasheet HTML 7Page - Winbond W26L010A-10 Datasheet HTML 8Page - Winbond W26L010A-10 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W26L010A
Publication Release Date: July 1998
- 5 -
Revision A3
AC Characteristics, continued
(2) Write Cycle
PARAMETER
SYM.
W26L010A-10
W26L010A-12
UNIT
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
TWC
10
12
nS
Chip Select to End of Write
TCW
9
10
nS
Address Valid to End of Write
TAW
9
10
nS
Address Setup Time
TAS
0
0
nS
UB , LB Select to End of Write
TBW
9
10
nS
Write Pulse Width
TWP
9
10
nS
Write Recovery Time
CS , WE
TWR
0
0
nS
Data Valid to End of Write
TDW
6
7
nS
Data Hold from End of Write
TDH
0
0
nS
Write to Output in High Z
TWHZ*
6
7
nS
End of Write to Output Active
TOW*
3
3
nS
∗ These parameters are sampled but not 100% tested.


Similar Part No. - W26L010A-10

ManufacturerPart #DatasheetDescription
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-15 WINBOND-W26010AJ-15 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-151 WINBOND-W26010AJ-151 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-20 WINBOND-W26010AJ-20 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
W26010AJ-25 WINBOND-W26010AJ-25 Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W26L010A-10

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com