Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25P243AF-5 Datasheet(PDF) 4 Page - Winbond

Part # W25P243AF-5
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P243AF-5 Datasheet(HTML) 4 Page - Winbond

  W25P243AF-5 Datasheet HTML 1Page - Winbond W25P243AF-5 Datasheet HTML 2Page - Winbond W25P243AF-5 Datasheet HTML 3Page - Winbond W25P243AF-5 Datasheet HTML 4Page - Winbond W25P243AF-5 Datasheet HTML 5Page - Winbond W25P243AF-5 Datasheet HTML 6Page - Winbond W25P243AF-5 Datasheet HTML 7Page - Winbond W25P243AF-5 Datasheet HTML 8Page - Winbond W25P243AF-5 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
W25P243A
- 4 -
FUNCTIONAL DESCRIPTION
The W25P243A is a synchronous-burst pipelined SRAM designed for use in high-end personal
computers. It supports two burst address sequences for Intel
™ systems (Interleaved mode) and linear
mode, which can be controlled by the LBO pin. The burst cycles are initiated by ADSP or ADSC
and the burst counter is incremented whenever ADV is sampled low.
BURST ADDRESS SEQUENCE
INTEL SYSTEM ( LBO = VDD)
LINEAR MODE ( LBO = VSS)
A[1:0]
A[1:0]
A[1:0]
A[1:0]
A[1:0]
A[1:0]
A[1:0]
A[1:0]
External Start Address
00
01
10
11
00
01
10
11
Second Address
01
00
11
10
01
10
11
00
Third Address
10
11
00
01
10
11
00
01
Fourth Address
11
10
01
00
11
00
01
10
The device supports several types of write mode operations. BWE and BW [8:1] support individual
byte writes. The BE [7:0] signals can be directly connected to the SRAM BW [8:1]. The GW signal is
used to override the byte enable signals and allows the cache controller to write all bytes to the
SRAM, no matter what the byte write enable signals are. The various write modes are indicated in the
Write Table below. Note that in pipelined mode, the byte write enable signals are not latched by the
SRAM with addresses but with data. In pipelined mode, the cache controller must ensure the SRAM
latches both data and valid byte enable signals from the processor.
TRUTH TABLE
CYCLE
ADDRESS
USED
CE1
CE2
CE3
ADSP
ADSC
ADV
OE
DATA
WRITE*
Unselected
No
1
X
X
X
0
X
X
Hi-Z
X
Unselected
No
0
X
1
0
X
X
X
Hi-Z
X
Unselected
No
0
0
X
0
X
X
X
Hi-Z
X
Unselected
No
0
X
1
1
0
X
X
Hi-Z
X
Unselected
No
0
0
X
1
0
X
X
Hi-Z
X
Begin Read
External
0
1
0
0
X
X
X
Hi-Z
X
Begin Read
External
0
1
0
1
0
X
X
Hi-Z
Read
Continue Read
Next
X
X
X
1
1
0
1
Hi-Z
Read
Continue Read
Next
X
X
X
1
1
0
0
D-Out
Read
Continue Read
Next
1
X
X
X
1
0
1
Hi-Z
Read
Continue Read
Next
1
X
X
X
1
0
0
D-Out
Read
Suspend Read
Current
X
X
X
1
1
1
1
Hi-Z
Read
Suspend Read
Current
X
X
X
1
1
1
0
D-Out
Read
Suspend Read
Current
1
X
X
X
1
1
1
Hi-Z
Read
Suspend Read
Current
1
X
X
X
1
1
0
D-Out
Read


Similar Part No. - W25P243AF-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6 WINBOND-W25P240A-6 Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6A WINBOND-W25P240A-6A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P243AF-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com