Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L257AQ-12 Datasheet(PDF) 3 Page - Winbond

Part # W24L257AQ-12
Description  32K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L257AQ-12 Datasheet(HTML) 3 Page - Winbond

  W24L257AQ-12 Datasheet HTML 1Page - Winbond W24L257AQ-12 Datasheet HTML 2Page - Winbond W24L257AQ-12 Datasheet HTML 3Page - Winbond W24L257AQ-12 Datasheet HTML 4Page - Winbond W24L257AQ-12 Datasheet HTML 5Page - Winbond W24L257AQ-12 Datasheet HTML 6Page - Winbond W24L257AQ-12 Datasheet HTML 7Page - Winbond W24L257AQ-12 Datasheet HTML 8Page - Winbond W24L257AQ-12 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
W24L257A
Publication Release Date: December 1996
- 3 -
Revision A5
CAPACITANCE
(VDD = 3.3V, Ta = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Input/Output Capacitance
CI/O
VOUT = 0V
8
pF
Note: These parameters are sampled but not 100% tested.
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 30 pF, IOH/IOL = -4 mA/8 mA
AC Test Loads and Waveform
90%
90%
3 nS
10%
3 nS
10%
R1 320 ohm
3.3V
OUTPUT
R2
350 ohm
5 pF
R2
350 ohm
R1 320 ohm
3.3V
OUTPUT
30 pF
Including
Jig and
Scope
3.0V
0V
Including
Jig and
Scope
)
(For TCLZ,
,
,
,
,
TOLZ TCHZ TOHZ TWHZ TOW


Similar Part No. - W24L257AQ-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L257AQ-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com