Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1720380000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1720380000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1720380000 Datasheet(HTML) 5 Page - Weidmuller

  1720380000 Datasheet HTML 1Page - Weidmuller 1720380000 Datasheet HTML 2Page - Weidmuller 1720380000 Datasheet HTML 3Page - Weidmuller 1720380000 Datasheet HTML 4Page - Weidmuller 1720380000 Datasheet HTML 5Page - Weidmuller 1720380000 Datasheet HTML 6Page - Weidmuller 1720380000 Datasheet HTML 7Page - Weidmuller 1720380000 Datasheet HTML 8Page - Weidmuller 1720380000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Cable glands
48
Plastic IP54
Plastic IP68
Reasonably priced cable glands IP 54
Plastic cable glands IP68; VDE, CSA and UL tested;
halogene-free.
EN 50262:
metric
Technical data
Material:
Polyamide connection thread M
Polystyrene connection thread PG
Sealing:
Soft rubber
Temperature:
-20°C ... +60°C
Protection class:
IP54 (with thread sealing ring type GWDR ...-PO = IP65)
Colour:
similar grey RAL 7035
Technical data
Material:
Polyamide
Sealing:
Neoprene
Temperature:
-40°C ... +70°C (peak +100°C)
Protection class:
IP68 / 5 bar in the stated clamping range with GWDR
Colour:
similar grey RAL 7035
Ordering data
Type
Thread
Clamp range
L
L1
SW1/SW2
Qty.
Cat. No.
Metric gland plastic IP54
VGM12-K54
M 12 x 1.5
6.0 - 8.0
32
11
19/16
50
1777080000
VGM16-K54
M 16 x 1.5
8.0 - 10.0
32
11
19/16
50
1777070000
VGM20-K54
M 20 x 1.5
8.0 - 10.0
35
11
22/19
50
1777050000
VGM25-K54
M 25 x 1.5
12.0 - 14.0
39
11
27/23
50
1777030000
VGM25-K54
M 25 x 1.5
15.0 - 17.0
39
11
27/23
50
1778830000
VGM32-K54
M 32 x 1.5
24.0 - 26.0
44.50
11
42/40
25
1777020000
VGM40-K54
M 40 x 1.5
28.0 - 30.0
44.50
11
42/40
25
1777010000
VGM50-K54
M 50 x 1.5
31.0 - 33.0
53
11
53/50
10
1776990000
VGM63-K54
M 63 x 1.5
45.0 - 47.0
58
11
65/60
10
1776980000
PG gland plastic IP54
VG 7-K54
PG 7
5.0 - 7.0
28
8
15/13
50
0521560000
VG 9-K54
PG 9
6.0 - 8.0
29
8
19/17
50
0261560000
VG 11-K54
PG 11
8.0 - 10.0
32
8
22/19
50
0260760000
VG 13.5-K54
PG 13.5
10.0 - 12.0
34
9
24/21
50
0260860000
VG 16-K54
PG 16
12.0 - 14.0
38
10
27/23
25
0261460000
VG 21-K54
PG 21
15.0 - 17.0
43.5
11
32/30
20
0260960000
VG 29-K54
PG 29
24.0 - 26.0
44.5
11
42/40
20
0261060000
VG 36-K54
PG 36
31.0 - 33.0
55
13
53/50
10
0497660000
VG 42-K54
PG 42
39.0 - 40.0
60
13
60/55
10
0497760000
VG 48-K54
PG 48
45.0 - 47.0
61
14
65/60
5
1718760000
all sizes in mm
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric gland plastic
Approval: VDE
VG M 12 - K 68
M 12 x 1.5
3.0 - 6.5
31
8
15
50
1772280000
VG M 16 - K 68
M 16 x 1.5
5.0 - 10.0
35
10
22
50
1772290000
VG M 20 - K 68
M 20 x 1.5
6.0 - 12.0
43
10
24
50
1772300000
VG M 25 - K 68
M 25 x 1.5
13.0 - 18.0
48
10
33
25
1772310000
VG M 32 - K 68
M 32 x 1.5
18.0 - 25.0
61
15
42
20
1772320000
VG M 40 - K 68
M 40 x 1.5
22.0 - 32.0
72
15
53
20
1772330000
VG M 50 - K 68
M 50 x 1.5
30.0 - 38.0
74
18
60
10
1772340000
VG M 63 - K 68
M 63 x 1.5
34.0 - 44.0
75
18
65
5
1772350000
PG gland plastic
Approval: VDE/UL
VG 7-K68
PG 7
3.0 - 6.5
30.5
8.0
15
50
1568970000
VG 9-K68
PG 9
4.0 - 8.0
34
8.0
19
50
1568980000
VG 11-K68
PG 11
5.0 - 10.0
37
8.0
22
50
1568990000
VG 13.5-K68
PG 13.5
6.0 - 12.0
39
9.0
24
50
1569000000
VG 16-K68
PG 16
10.0 - 14.0
42.5
10.0
27
25
1569010000
VG 21-K68
PG 21
13.0 - 18.0
48
11.0
33
20
1569020000
VG 29-K68
PG 29
18.0 - 25.0
53
11.0
42
20
1569030000
VG 36-K68
PG 36
22.0 - 32.0
65
13.0
53
10
1569040000
VG 42-K68
PG 42
30.0 - 38.0
68
13.0
60
10
1569050000
VG 48-K68
PG 48
34.0 - 44.0
69
14.0
65
5
1718770000
NPT gland plastic
Approval: UL/CSA
VG NPT 3/8" 5-10-K 68
NPT 3/8"
5.0 - 10.0
42
15
22
50
1772520000
VG NPT 1/2" 6-12-K 68
NPT 1/2"
6.0 - 12.0
42
15
24
50
1772550000
VG NPT 1/2" 10-14-K 68
NPT 1/2"
10.0 - 14.0
45
15
27
25
1772560000
VG NPT 3/4" 13-18-K 68
NPT 3/4"
13.0 - 18.0
46
15
33
20
1772590000
VG NPT 1" 18-25-K 68
NPT 1"
18.0 - 25.0
60
18
42
20
1772600000
all sizes in mm
L
L1
L
L1
a
v


Similar Part No. - 1720380000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720301 PHOENIX-1720301 Datasheet
88Kb / 5P
   Pin strip - PST 1,3/ 2-5,0 R24
1720314 PHOENIX-1720314 Datasheet
98Kb / 5P
   Pin strip - PST 1,3/ 4-5,0 R56
1720327 PHOENIX-1720327 Datasheet
98Kb / 5P
   Pin strip - PST 1,3/ 5-5,0 R56
1720330 PHOENIX-1720330 Datasheet
98Kb / 5P
   Pin strip - PST 1,3/ 6-5,0 R56
1720343 PHOENIX-1720343 Datasheet
98Kb / 5P
   Pin strip - PST 1,3/ 7-5,0 R56
More results

Similar Description - 1720380000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com