Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27C020-12 Datasheet(PDF) 1 Page - Winbond

Part # W27C020-12
Description  256K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C020-12 Datasheet(HTML) 1 Page - Winbond

  W27C020-12 Datasheet HTML 1Page - Winbond W27C020-12 Datasheet HTML 2Page - Winbond W27C020-12 Datasheet HTML 3Page - Winbond W27C020-12 Datasheet HTML 4Page - Winbond W27C020-12 Datasheet HTML 5Page - Winbond W27C020-12 Datasheet HTML 6Page - Winbond W27C020-12 Datasheet HTML 7Page - Winbond W27C020-12 Datasheet HTML 8Page - Winbond W27C020-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary W27C020
256K
× 8 ELECTRICALLY ERASABLE EPROM
Publication Release Date: September 1998
- 1 -
Revision A1
GENERAL DESCRIPTION
The W27C020 is a high speed, low power Electrically Erasable and Programmable Read Only
Memory organized as 262144
× 8 bits that operates on a single 5 volt power supply. The W27C020
provides an electrical chip erase function.
FEATURES
High speed access time:
70/90/120 nS (max.)
Read operating current: 30 mA (max.)
Erase/Programming operating current:
30 mA (max.)
Standby current: 1 mA (max.)
Single 5V power supply
+14V erase/+12V programming voltage
Fully static operation
All inputs and outputs directly TTL/CMOS
compatible
Three-state outputs
Available packages: 32-pin 600 mil DIP and
PLCC
PIN CONFIGURATIONS
A6
A5
A4
A3
A2
A1
A0
Q0
5
6
7
8
9
10
11
12
13
Q
1
Q
2
Q
4
Q
5
Q
6
1
4
4 3 2 1 3
2
3
1
3
0
A14
A13
A8
A9
OE
A11
Q7
29
28
27
26
25
24
23
22
21
32-pin PLCC
G
N
D
1
5
1
6
1
7
1
8
1
9
2
0
1
7
V
c
c
CE
A10
Q5
OE
A10
Q7
Q6
A13
A8
A9
A11
PGM
A17
Q0
A0
A2
A3
A4
A5
A6
A7
A12
A15
A16
A14
A1
Vcc
Vpp
A
1
5
A
1
6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
30
31
32
25
26
27
28
29
20
21
22
23
24
19
18
17
Q3
Q4
GND
Q2
CE
Q1
Q
3
A7
A
1
2
V
p
p
/
P
G
M
A
32-pin DIP
BLOCK DIAGRAM
CONTROL
OUTPUT
BUFFER
DECODER
CORE
ARRAY
Q0
Q7
.
CE
OE
A0
.
PGM
V
GND
CC
VPP
A17
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A17
Address Inputs
Q0
−Q7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Enable
VPP
Program/Erase Supply Voltage
VCC
Power Supply
GND
Ground


Similar Part No. - W27C020-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M-12 WINBOND-W27C020M-12 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M-70 WINBOND-W27C020M-70 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M-90 WINBOND-W27C020M-90 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020PM-12 WINBOND-W27C020PM-12 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C020-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com