Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27C4096-12 Datasheet(PDF) 6 Page - Winbond

Part # W27C4096-12
Description  256K X 16 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C4096-12 Datasheet(HTML) 6 Page - Winbond

Back Button W27C4096-12 Datasheet HTML 2Page - Winbond W27C4096-12 Datasheet HTML 3Page - Winbond W27C4096-12 Datasheet HTML 4Page - Winbond W27C4096-12 Datasheet HTML 5Page - Winbond W27C4096-12 Datasheet HTML 6Page - Winbond W27C4096-12 Datasheet HTML 7Page - Winbond W27C4096-12 Datasheet HTML 8Page - Winbond W27C4096-12 Datasheet HTML 9Page - Winbond W27C4096-12 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary W27C4096
- 6 -
READ OPERATION DC CHARACTERISTICS
(VCC = 5.0V
±5%, TA = 0 to 50° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = 0V to VCC
-5
-
5
µA
Output Leakage Current
ILO
VOUT = 0V to VCC
-10
-
10
µA
VCC Standby Current
ISB
CE = VIH
-
-
1.0
mA
ISB1
CE = VCC
±0.2V
-
5
100
µA
VCC Operating Current
ICC
CE = VIL
IOUT = 0 mA, f = 5 MHz
-
-
30
mA
VPP Operating Current
IPP
VPP = VCC
-
-
10
µA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.2
-
VCC +0.5
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -0.4 mA
2.4
-
-
V
VPP Operating Voltage
VPP
-
VCC -0.7
-
VCC
V
READ OPERATION AC CHARACTERISTICS
(VCC = 5.0V
±5%, TA = 0 to 50° C)
PARAMETER
SYM.
W27C4096-12
W27C4096-15
UNIT
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
120
-
150
-
nS
Chip Enable Access Time
TCE
-
120
-
150
nS
Address Access Time
TACC
-
120
-
150
nS
Output Enable Access Time
TOE
-
50
-
70
nS
OE High to High-Z Output
TDF
-
30
-
30
nS
Output Hold from Address Change
TOH
0
-
0
-
nS
Note: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27C4096-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-15 WINBOND-W27C010-15 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-70 WINBOND-W27C010-70 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-15 WINBOND-W27C010P-15 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-70 WINBOND-W27C010P-70 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C4096-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com