Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP42A
Description  SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP42A Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP42A Datasheet HTML 1Page - Comset Semiconductor TIP42A Datasheet HTML 2Page - Comset Semiconductor TIP42A Datasheet HTML 3Page - Comset Semiconductor TIP42A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP TIP42-A-B-C
04/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
IB
Base Current
TIP42
-2
A
TIP42A
TIP42B
TIP42C
PC
Power Dissipation
@ Tc < 25°
TIP42
65
Watts
TIP42A
TIP42B
TIP42C
@ Ta < 25°
TIP42
2
TIP42A
TIP42B
TIP42C
TJ
Junction Temperature
TIP42
150
°C
TIP42A
TIP42B
TIP42C
Ts
Storage Temperature range
TIP42
-65 to +150
TIP42A
TIP42B
TIP42C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-MB
From junction to mounting base
TIP42
1.92
°C/W
TIP42A
TIP42B
TIP42C
RthJ-A
From junction to ambient in free air
TIP42
62.5
°C/W
TIP42A
TIP42B
TIP42C


Similar Part No. - TIP42A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42A MOSPEC-TIP42A Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Inchange Semiconductor ...
TIP42A ISC-TIP42A Datasheet
137Kb / 3P
   isc Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
TIP42A NJSEMI-TIP42A Datasheet
87Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
Motorola, Inc
TIP42A MOTOROLA-TIP42A Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Savantic, Inc.
TIP42A SAVANTIC-TIP42A Datasheet
133Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - TIP42A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com