Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27C020P-12 Datasheet(PDF) 3 Page - Winbond

Part # W27C020P-12
Description  256K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C020P-12 Datasheet(HTML) 3 Page - Winbond

  W27C020P-12 Datasheet HTML 1Page - Winbond W27C020P-12 Datasheet HTML 2Page - Winbond W27C020P-12 Datasheet HTML 3Page - Winbond W27C020P-12 Datasheet HTML 4Page - Winbond W27C020P-12 Datasheet HTML 5Page - Winbond W27C020P-12 Datasheet HTML 6Page - Winbond W27C020P-12 Datasheet HTML 7Page - Winbond W27C020P-12 Datasheet HTML 8Page - Winbond W27C020P-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary W27C020
Publication Release Date: September 1998
- 3 -
Revision A1
Standby Mode
The standby mode significantly reduces VCC current. This mode is entered when CE = VIH. In
standby mode, all outputs are in a high impedance state, independent of OE and PGM .
Two-line Output Control
Since EPROMs are often used in large memory arrays, the W27C020 provides two control inputs for
multiple memory connections. Two-line control provides for lowest possible memory power
dissipation and ensures that data bus contention will not occur.
System Considerations
EPROM power switching characteristics require careful device decoupling. System designers are
concerned with three supply current issues: standby current levels (ISB), active current levels (ICC),
and transient current peaks produced by the falling and rising edges of CE. Transient current
magnitudes depend on the device output's capacitive and inductive loading. Two-line control and
proper decoupling capacitor selection will suppress transient voltage peaks. Each device should have
a 0.1
µF ceramic capacitor connected between its VCC and GND. This high frequency, low inherent-
inductance capacitor should be placed as close as possible to the device. Additionally, for every eight
devices, a 4.7
µF electrolytic capacitor should be placed at the array's power supply connection
between VCC and GND. The bulk capacitor will overcome voltage slumps caused by PC board trace
inductances.
TABLE OF OPERATING MODES
VPP = 12V, VPE = 14V, VHH = 12V, VCP = 5V, VCE = 5V, VID = 14V, X = VIH or VIL
MODE
PINS
CE
OE
PGM
A0
A9
VCC
VPP
OUTPUTS
Read
VIL
VIL
X
X
X
VCC
VCC
DOUT
Output Disable
VIL
VIH
X
X
X
VCC
VCC
High Z
Standby (TTL)
VIH
X
X
X
X
VCC
VCC
High Z
Standby (CMOS)
VCC
±0.3V
X
X
X
X
VCC
VCC
High Z
Program
VIL
VIH
VIL
X
X
VCP
VPP
DIN
Program Verify
VIL
VIL
VIH
X
X
VCC
VPP
DOUT
Program Inhibit
VIH
X
X
X
X
VCP
VPP
High Z
Erase
VIL
VIH
VIL
VIL
VID
VCE
VPE
FF (Hex)
Erase Verify
VIL
VIL
VIH
X
X
VCC
VPE
DOUT
Erase Inhibit
VIH
X
X
X
X
VCE
VPE
High Z
Product Identifier-
manufacturer
VIL
VIL
X
VIL
VHH
VCC
VCC
DA (Hex)
Product Identifier-device
VIL
VIL
X
VIH
VHH
VCC
VCC
85 (Hex)


Similar Part No. - W27C020P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020PM-12 WINBOND-W27C020PM-12 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020PM-70 WINBOND-W27C020PM-70 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020PM-90 WINBOND-W27C020PM-90 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C020P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com