Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK64904-12 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # EK64904-12
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK64904-12 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  EK64904-12 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK64904-12 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70-0325-06 │ www.psemi.com
©2011-2012 Peregrine Semiconductor Corp. All rights reserved.
Product Description
The PE64904 is a DuNE™-enhanced Digitally Tunable
Capacitor (DTC) based on Peregrine’s UltraCMOS®
technology. DTC products provide a monolithically
integrated impedance tuning solution for demanding RF
applications.
The PE64904 offers high RF power handling and
ruggedness, while meeting challenging harmonic and
linearity requirements.
This highly versatile product can be used in series or shunt
configurations to support a wide variety of tuning circuit
topologies.
The device is controlled through the widely supported
3-wire (SPI compatible) interface. All decoding and biasing
is integrated on-chip and no external bypassing or filtering
components are required.
Peregrine’s DuNE™ technology enables excellent linearity
and exceptional harmonic performance. DuNE devices
deliver performance superior to GaAs devices with the
economy and integration of conventional CMOS.
Product Specification
UltraCMOS® Digitally Tunable Capacitor
(DTC) 100 - 3000 MHz
PE64904
Features

3-wire (SPI compatible) Serial Interface
with built-in bias voltage generation and
ESD protection

DuNE™-enhanced UltraCMOS® device

5-bit 32-state Digitally Tunable Capacitor

Series configuration C = 0.60 - 4.60 pF
(7.7:1 tuning ratio) in discrete 129 fF steps

Shunt configuration C = 1.14 - 5.10 pF
(4.6:1 tuning ratio) in discrete 129 fF steps

High RF Power Handling (up to 38 dBm,
30 Vpk RF) and High Linearity

Wide power supply range (2.3 to 3.6V)
and low current consumption
(typ. 140 μA at 2.6V)

Excellent 1.5 kV HBM ESD tolerance
on all pins

2 x 2 x 0.45 mm QFN package

Applications include:

Tunable Filter Networks

Tunable Antennas

RFID

Tunable Matching Networks

Phase Shifters

Wireless Communications
Figure 2. Package Type
10L 2 x 2 x 0.45 mm QFN package
Figure 1. Functional Block Diagram
71-0066-01


Similar Part No. - EK64904-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
EK64905-12 PEREGRINE-EK64905-12 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results

Similar Description - EK64904-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com