Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMMY21W1S Datasheet(PDF) 4 Page - ITT Industries

Part # DBMMY21W1S
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMMY21W1S Datasheet(HTML) 4 Page - ITT Industries

  DBMMY21W1S Datasheet HTML 1Page - ITT Industries DBMMY21W1S Datasheet HTML 2Page - ITT Industries DBMMY21W1S Datasheet HTML 3Page - ITT Industries DBMMY21W1S Datasheet HTML 4Page - ITT Industries DBMMY21W1S Datasheet HTML 5Page - ITT Industries DBMMY21W1S Datasheet HTML 6Page - ITT Industries DBMMY21W1S Datasheet HTML 7Page - ITT Industries DBMMY21W1S Datasheet HTML 8Page - ITT Industries DBMMY21W1S Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
3
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contact
Socket: Copper Alloy
Gold over Nickel. Terminating
end Tin (Socket)
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 5 A
Contact Resistance 10 m
Dielectric Withstanding
Voltage 1250 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94-0
None (color: black)
Contacts
Copper Alloy
Gold over Nickel
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 105°C
Current Rating 5 A
Contact Resistance 15 m
Dielectric Withstanding
Voltage 1000 VAC at Sea Level
D Subminiature
Straight PCB Selection Guide
Specifications
Current Rating 5 A / 25
°C, 3.5 A / 70°C ambient
Temperature Rating
−55°C to 125°C
Contact Resistance 10 m
Test Voltage 1200 Vrms at Sea Level
X Plated Through Hole 1,09 - 0,94 (.043 - .037)
PC Tail Press-in Force 100N/contact max.
PC Tail Push-out Force 30N/contact min.
PC Board Thickness 3,20 - 1,60 (.125 - .062)
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: black)
Contact
Copper Alloy
Gold over Nickel (Standard)
or Gold over PdNi (-408)
Hardware
Steel/Copper Alloy
Tin/Zinc
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contact
Copper Alloy
Gold over Nickel. Terminating
end Tin (Socket only)
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 7.5 A
Contact Resistance 55 millivolt max at 7.5 A test current
Dielectric Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0 None (color: dark green)
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Hardware
Steel/Copper Alloy
Tin/Zinc
Specifications
Temperature Rating
−55°C to 125°C
Current Rating 5 A
Contact Resistance 10 m
Dielectric Withstanding
Voltage 1250 VAC at Sea Level


Similar Part No. - DBMMY21W1S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMMY25PNM ITT-DBMMY25PNM Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBMMY25PNM-A101 ITT-DBMMY25PNM-A101 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBMMY25PNMBK52 ITT-DBMMY25PNMBK52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBMMY25S ITT-DBMMY25S Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DBMMY25S-A101 ITT-DBMMY25S-A101 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DBMMY21W1S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com